전자부품 데이터시트 검색엔진 |
|
CXA1592 데이터시트(PDF) 1 Page - Sony Corporation |
|
CXA1592 데이터시트(HTML) 1 Page - Sony Corporation |
1 / 23 page Description The CXA1592Q/R is a bipolar IC developed as an encoder for CCD color cameras. Color difference and luminance signals are input to be output as composite video and Y/C separate signals. The CXA1592 is a variant of the CXA1392 in which the down/up ratio and level of shapness signal have been changed from 1 : 3 to 1.5 : 1.5. Features • Carrier balance adjustment unnecessary (Carrier leak above 36 dB against burst) • High S/N • Low power consumption (140mW) Applications CCD camera Absolute Maximum Ratings (Ta = 25°C) • Supply voltage VCC 7V • Storage temperature Tstg –65 to +150 °C • Allowable power dissipation PD 600 mW Block Diagram and Pin Configuration Structure Bipolar silicon monolithic IC Operating Conditions • Supply voltage VCC 4.75 to 5.25 V • Ambient temperature Topr –20 to +75 °C – 1 – CXA1592Q/R E91537A78 Encoder for CCD Color Camera Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits. CXA1592Q 48 pin QFP (Plastic) CXA1592R 48 pin LQFP (Plastic) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 40 39 38 37 36 35 34 31 32 33 41 42 43 44 45 46 47 48 YTBLK NOISESLICE YHCLP YHIN YL-YHCLP YL-YHIN AGND CLP4 CLP2 BLEVEL B-YIN B-YCLP WCLEVEL SETUPCLP YOUT VOUT CHROMA DGND CIN AVCC COUT CSY CSAGC MODE 1/2 HAP GAIN SLICE BLK CLP4 BLK ADO GC CLP4 LEVEL CONT LEVEL CONT LEVEL CONT LOGIC REF V ADO ×1.6 CLP2 WC SETUP SYNC YTBLK 1.4 TYP SYNC C BLK CLP4 ADO LOGIC MODE GEN GC ADO MOD BLK 3/2 CLP2 CLP4 BURST MOD BLK 1/4 3/2 CLP2 CLP4 BURST BFG B.GEN 2/3 TYP |
유사한 부품 번호 - CXA1592 |
|
유사한 설명 - CXA1592 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |