전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1619BM 데이터시트(PDF) 5 Page - Sony Corporation

부품명 CXA1619BM
상세설명  FM/AM Radio
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1619BM 데이터시트(HTML) 5 Page - Sony Corporation

  CXA1619BM Datasheet HTML 1Page - Sony Corporation CXA1619BM Datasheet HTML 2Page - Sony Corporation CXA1619BM Datasheet HTML 3Page - Sony Corporation CXA1619BM Datasheet HTML 4Page - Sony Corporation CXA1619BM Datasheet HTML 5Page - Sony Corporation CXA1619BM Datasheet HTML 6Page - Sony Corporation CXA1619BM Datasheet HTML 7Page - Sony Corporation CXA1619BM Datasheet HTML 8Page - Sony Corporation CXA1619BM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
—5—
CXA1619BM/BS
Voltage (V)
No.
Symbol
VCC=3 V VCC=6 V
Equivalent circuit
Description
FM AM FM AM
19 (20)
20 (21)
21 (22)
22 (23)
23 (24)
24 (25)
25 (26)
26 (27)
28
(29, 30)
METER
GND
AFC/AGC
AFC/AGC
DET OUT
AF IN
RIPPLE
FILTER
VCC
GND
1.6 1.6 4.5 4.5
0
0
0
0
1.25 1.49 1.25 1.49
1.25 1.25 1.25 1.25
1.25 1.0 1.25 1.0
0
0
0
0
2.71 2.71 5.4 5.4
3.0 3.0 6.0 6.0
0
0
0
0
GND
19
×3
N
1.25V
22
21
23
33k 39k
GND
24
11k
×4
×4
82k
GND
25
17k
73k
90k
VCC
Meter drive circuit
(For tuning indicator)
AFC pin of W band.
During AM, it determines
time constant of AGC
AFC pin of J band.
During AM, it determines
time constant of AGC.
Detection output pin
Power amplifier input pin
Ripple filter
Power supply pin
Power GND
∗ The pin voltage of pin 6 during AM, it is the same pin voltage of pin 22 (23) during J BAND and is the same
pin voltage of pin 21 (22) during W BAND.


유사한 부품 번호 - CXA1619BM

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619AS SONY-CXA1619AS Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
CXA1619S SONY-CXA1619S Datasheet
298Kb / 12P
   FM/AM Radio
More results

유사한 설명 - CXA1619BM

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
   FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
   FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
   FM/AM Radio
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com