전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1619BS 데이터시트(PDF) 4 Page - Sony Corporation

부품명 CXA1619BS
상세설명  FM/AM Radio
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1619BS 데이터시트(HTML) 4 Page - Sony Corporation

  CXA1619BS Datasheet HTML 1Page - Sony Corporation CXA1619BS Datasheet HTML 2Page - Sony Corporation CXA1619BS Datasheet HTML 3Page - Sony Corporation CXA1619BS Datasheet HTML 4Page - Sony Corporation CXA1619BS Datasheet HTML 5Page - Sony Corporation CXA1619BS Datasheet HTML 6Page - Sony Corporation CXA1619BS Datasheet HTML 7Page - Sony Corporation CXA1619BS Datasheet HTML 8Page - Sony Corporation CXA1619BS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
—4—
CXA1619BM/BS
Voltage (V)
No.
Symbol
VCC=3 V VCC=6 V
Equivalent circuit
Description
FM AM FM AM
9 (10)
12 (13)
10 (11)
11 (12)
13 (14)
14 (15)
15 (16)
16 (17)
17 (18)
18 (19)
FM RF
FM RF IN
AM RF IN
NC
GND
(FE GND)
FM/AM
FE OUT
BAND
SELECT
AM IF IN
FM IF IN
NC
1.25 1.25 1.25 1.25
0.3
0
0.3
0
1.25 1.25 1.25 1.25
0
0
0
0
0
0
0
0
0.36 0.2 0.36 0.2
1.30
0
1.30
0
0
0
0
0
0.34
0
0.88
0
0
0
0
0
9
3p
8k
1k
12
10
VCC
AM
FM
220
14
15
GND
VCC
16
2k
Connect FM RF tuning coil
FM RF input pin
AM RF input pin
IF output pin of FM and AM.
Connect IF filter.
FM and AM bands selection
switch pin. During GND it
becomes AM and during
open it becomes FM.
Input pin of AM IF.
Input pin of FM IF.


유사한 부품 번호 - CXA1619BS

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619AS SONY-CXA1619AS Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
CXA1619S SONY-CXA1619S Datasheet
298Kb / 12P
   FM/AM Radio
More results

유사한 설명 - CXA1619BS

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
   FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
   FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
   FM/AM Radio
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com