전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2843AQD8RQ1 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2843AQD8RQ1
상세설명  CURRENT-MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC2843AQD8RQ1 데이터시트(HTML) 7 Page - Texas Instruments

Back Button UC2843AQD8RQ1 Datasheet HTML 3Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 4Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 5Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 6Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 7Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 8Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 9Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 10Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
APPLICATION INFORMATION
Oscillator Frequency vs Timing Resistance
Maximum Duty Cycle vs Timing Resistor
V
REF
V
CC
OUTPUT
GND
C
T
1 kW 1 W
0.1 µF
0.1 µF
R
T
2N2222
5 k
I
Adjust
W
SENSE
4.7 kW
4.7 kW
1 k
Error Amp
Adjust
W
COMP
UC2843A
V
FB
I
SENSE
R /C
T
T
GND
OUTPUT
V
CC
V
REF
100 kW
1
2
3
4
5
6
7
8
UC2843A-Q1
www.ti.com........................................................................................................................................................................................................ SGLS384 – MAY 2008
Figure 6. Oscillator
A.
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypass
capacitors should be connected close to pin 5 in a single point ground. The transistor and 5k potentiometer are used
to sample the oscillator waveform and apply an adjustable ramp to pin 3.
Figure 7. Open-Loop Laboratory Text Fixture
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UC2843A-Q1


유사한 부품 번호 - UC2843AQD8RQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2843AQD8RQ1 TI-UC2843AQD8RQ1 Datasheet
591Kb / 15P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

유사한 설명 - UC2843AQD8RQ1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com