전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC259-Q100 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74HC259-Q100
상세설명  8-bit addressable latch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259-Q100 데이터시트(HTML) 2 Page - NXP Semiconductors

  74HC259-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
74HC_HCT259_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 30 July 2012
2 of 20
NXP Semiconductors
74HC259-Q100; 74HCT259-Q100
8-bit addressable latch
Useful as a 3-to-8 active HIGH decoder
Input levels:
For 74HC259-Q100: CMOS level
For 74HCT259-Q100: TTL level
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
Multiple package options
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74HC259D-Q100
40 C to +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT259D-Q100
74HC259PW-Q100
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT259PW-Q100
74HC259BQ-Q100
40 C to +125 C
DHVQFN16 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
74HCT259BQ-Q100
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna573
D
A0
A1
A2
MR
LE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
14
15
12
11
10
9
7
6
5
4
3
2
1
13
mna572
1
9,10D
Z9
G8
G10
C10
8R
13
15
14
0
1
2
3
1
2
0
DX
0
7
2
3
4
5
4
6
7
9
10
11
12
5
6
7
G


유사한 부품 번호 - 74HC259-Q100

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC259-Q100 NEXPERIA-74HC259-Q100 Datasheet
287Kb / 17P
   8-bit addressable latch
Rev. 2 - 2 September 2020
More results

유사한 설명 - 74HC259-Q100

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com