전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS29861DW 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74ALS29861DW
상세설명  10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29861DW 데이터시트(HTML) 6 Page - Texas Instruments

  SN74ALS29861DW Datasheet HTML 1Page - Texas Instruments SN74ALS29861DW Datasheet HTML 2Page - Texas Instruments SN74ALS29861DW Datasheet HTML 3Page - Texas Instruments SN74ALS29861DW Datasheet HTML 4Page - Texas Instruments SN74ALS29861DW Datasheet HTML 5Page - Texas Instruments SN74ALS29861DW Datasheet HTML 6Page - Texas Instruments SN74ALS29861DW Datasheet HTML 7Page - Texas Instruments SN74ALS29861DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN74ALS29861, SN74ALS29862
10BIT BUS TRANSCEIVERS WITH 3STATE OUTPUTS
SDAS097B − D2915, JANUARY 1986 − REVISED AUGUST 1988
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATIONS
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
SWITCH POSITION TABLE
Closed
Closed
Closed
Closed
Closed
Closed
Closed
Closed
Closed
Closed
Open
Open
S1
S2
TEST
tPLH
tPHL
tPZH
tPZL
tPHZ
tPLZ
S1
R1
1 k
CL
(see Note A)
RL
All Diodes
1N916 or 1N3064
S2
Test Point
VCC
From Output
Under Test
180
3 V
0 V
1.5 V
1.5 V
1.5 V
3 V
0 V
Timing
Input
Data
Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
Input
Out-of-Phase
Output
In-Phase
Output
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
1.5 V
1.5 V
1.5 V
tw
High-Level
Input
Low-Level
Input
1.5 V
1.5 V
3 V
0 V
VOL
VOH
1.5 V
1.5 V
0.5 V
0.5 V
Output
Control
Waveform 1
(see Note B)
Waveform 2
(see Note B)
≈ 1.5 V
≈ 0 V
≈ 1.5 V
≈ 4.5 V
tPHZ
tPLZ
tPZL
tPZH
tsu
th
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
Figure 1


유사한 부품 번호 - SN74ALS29861DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI1-SN74ALS29863 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863DW TI-SN74ALS29863DW Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863DW TI1-SN74ALS29863DW Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863DWE4 TI1-SN74ALS29863DWE4 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALS29861DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT29862B TI1-SN74BCT29862B Datasheet
81Kb / 4P
[Old version datasheet]   10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT861 TI-SN54ABT861 Datasheet
119Kb / 7P
[Old version datasheet]   10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com