전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q65111A1099 데이터시트(PDF) 8 Page - OSRAM GmbH

부품명 Q65111A1099
상세설명  Vorl채ufige Daten / Preliminary Data
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A1099 데이터시트(HTML) 8 Page - OSRAM GmbH

Back Button Q65111A1099 Datasheet HTML 4Page - OSRAM GmbH Q65111A1099 Datasheet HTML 5Page - OSRAM GmbH Q65111A1099 Datasheet HTML 6Page - OSRAM GmbH Q65111A1099 Datasheet HTML 7Page - OSRAM GmbH Q65111A1099 Datasheet HTML 8Page - OSRAM GmbH Q65111A1099 Datasheet HTML 9Page - OSRAM GmbH Q65111A1099 Datasheet HTML 10Page - OSRAM GmbH Q65111A1099 Datasheet HTML 11Page - OSRAM GmbH Q65111A1099 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2011-06-09
8
LCW JNSH.PC
Farbtemperatur 4500 K
Color temperature 4500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5J
0.351
0.347
5K
0.359
0.352
0.352
0.356
0.361
0.362
0.361
0.362
0.369
0.368
0.359
0.352
0.367
0.358
6J
0.352
0.356
6K
0.361
0.362
0.354
0.365
0.363
0.371
0.363
0.371
0.371
0.378
0.361
0.362
0.369
0.368
7J
0.354
0.365
7K
0.363
0.371
0.355
0.374
0.364
0.381
0.364
0.381
0.374
0.387
0.363
0.371
0.371
0.378
Farbtemperatur 5000 K
Color temperature 5000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5H
0.337
0.337
5I
0.344
0.343
0.337
0.345
0.345
0.352
0.345
0.352
0.353
0.358
0.344
0.343
0.352
0.349
6H
0.337
0.345
6I
0.345
0.352
0.337
0.353
0.346
0.360
0.346
0.360
0.354
0.367
0.345
0.352
0.353
0.358
7H
0.337
0.353
/I
0.346
0.360
0.338
0.362
0.346
0.369
0.346
0.369
0.355
0.376
0.346
0.360
0.354
0.367
8H
0.338
0.362
8I
0.346
0.369
0.338
0.370
0.347
0.378
0.347
0.378
0.356
0.385
0.346
0.369
0.355
0.376


유사한 부품 번호 - Q65111A1099

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
Q65111A1095 OSRAM-Q65111A1095 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
More results

유사한 설명 - Q65111A1099

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCW_JNSH.PC-203162 OSRAM-LCW_JNSH.PC-203162 Datasheet
2Mb / 21P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF6MR12W2M1B70 INFINEON-FF6MR12W2M1B70 Datasheet
536Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
OSRAM GmbH
LUWJNSH.EC-BRBT-5C8E-1 OSRAM-LUWJNSH.EC-BRBT-5C8E-1 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF11MR12W1M1B70 INFINEON-FF11MR12W1M1B70 Datasheet
514Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
logo
eupec GmbH
BSM35GB120DLC EUPEC-BSM35GB120DLC Datasheet
87Kb / 8P
   vorlafige Daten preliminary data
logo
OSRAM GmbH
LSGF971 OSRAM-LSGF971 Datasheet
63Kb / 7P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
logo
List of Unclassifed Man...
LBW5SG ETC1-LBW5SG Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com