전자부품 데이터시트 검색엔진 |
|
SN74ALVC16501DL 데이터시트(PDF) 6 Page - Texas Instruments |
|
SN74ALVC16501DL 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 11 page SN74ALVC16501 18BIT UNIVERSAL BUS TRANSCEIVER WITH 3STATE OUTPUTS SCAS261A − JANUARY 1993 − REVISED JULY 1995 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 switching characteristics over recommended operating free-air temperature range, (unless otherwise noted) (see Figures 1 and 2) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 2.5 V ± 0.2 V VCC = 2.7 V VCC = 3.3 V ± 0.3 V UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX UNIT fmax 150 150 150 ns A or B B or A 1.2 5.4 4.5 1 3.9 tpd LE A or B 1.6 6.3 5.3 1.3 4.6 ns tpd CLK A or B 1.7 6.7 5.6 1.4 4.9 ns ten OEAB B 1.1 6.3 5.3 1 4.6 ns tdis OEAB B 2.2 6.4 5.7 1.4 5 ns ten OEBA A 1.4 6.8 6 1.1 5 ns tdis OEBA A 2 5.5 4.6 1.3 4.2 ns operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V UNIT PARAMETER TEST CONDITIONS TYP TYP UNIT Cpd Power dissipation capacitance Outputs enabled CL = 50 pF, f = 10 MHz 44 54 pF Cpd Power dissipation capacitance Outputs disabled CL = 50 pF, f = 10 MHz 6 6 pF |
유사한 부품 번호 - SN74ALVC16501DL |
|
유사한 설명 - SN74ALVC16501DL |