전자부품 데이터시트 검색엔진 |
|
FK20X5R1C106K 데이터시트(PDF) 2 Page - TDK Electronics |
|
FK20X5R1C106K 데이터시트(HTML) 2 Page - TDK Electronics |
2 / 12 page (1/11) 003-03 / 20110517 / e4941_fk.fm • All specifications are subject to change without notice. Dipped Radial Ceramic Capacitors General Use FK Series FEATURES • Due to the technological progress in creating thinner layers of ceramic dielectric and achieving multilayer lamination, this product provides large electrostatic capacity. • It maintains a high level of reliability under specified environ- mental conditions. • Its residual inductance is small and it provides good frequency characteristics. • The leads are formed with a "kink" to achieve consistent insertion heights and facilitate the release of gases during soldering for dramatically improved solderability. • Also available are products that meet taping specifications for automatic insertions, which contribute to reducing on-board costs. PRODUCT IDENTIFICATION (1) Series name (2) Dimensions and shapes of lead wire Dimensions in mm (3) Capacitance temperature characteristics Class 1 (Temperature compensation) Class 2 (Temperature stable and general purpose) (4) Rated voltage Edc (5) Nominal capacitance The capacitance is expressed in three digit codes and in units of pico farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. (6) Capacitance tolerance (7) TDK internal code Conformity to RoHS Directive FK 28 C0G 1H 101 J (1) (2) (3) (4) (5) (6) (7) Type L max. W max. T max. F ød Fig 28 4.0 5.5 2.5 5.0±1.0 7±2 0.5+0.1,–0.03 1 24 4.5 5.5 2.5 5.0±1.0 7±2 0.5+0.1,–0.03 1 26 5.5 6.0 3.5 5.0±1.0 7±2 0.5+0.1,–0.03 1 20 5.5 7.0 4.0 5.0±1.0 7±2 0.5+0.1,–0.03 1 22 7.5 8.0 4.0 5.0±1.0 7±2 0.5+0.1,–0.03 1 18 4.0 5.5 2.5 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 14 4.5 5.5 2.5 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 16 5.5 6.0 3.5 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 11 5.5 7.0 4.0 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 Temperature characteristics Capacitance change Temperature range C0G 0±30ppm/°C –55 to +125°C Temperature characteristics Capacitance change Temperature range X7R ±15% –55 to +125°C X5R ±15% –55 to +85°C X7S ±22% –55 to +125°C Y5V +22, –82% –30 to +85°C L F Fig.1 ød L T F Fig.2 ød 0J 6.3V 1A 10V 1C 16V 1E 25V 1H 50V 0R5 0.5pF 010 1pF 100 10pF 102 1,000pF Symbol Tolerance Applicable capacitance range C ±0.25pF 10pF max. D ±0.5pF J±5% Over 10pF K ±10% M ±20% Z +80, –20% • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |
유사한 부품 번호 - FK20X5R1C106K |
|
유사한 설명 - FK20X5R1C106K |