전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU1852GUW 데이터시트(PDF) 11 Page - Rohm

부품명 BU1852GUW
상세설명  Keyencoder IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU1852GUW 데이터시트(HTML) 11 Page - Rohm

Back Button BU1852GUW_12 Datasheet HTML 7Page - Rohm BU1852GUW_12 Datasheet HTML 8Page - Rohm BU1852GUW_12 Datasheet HTML 9Page - Rohm BU1852GUW_12 Datasheet HTML 10Page - Rohm BU1852GUW_12 Datasheet HTML 11Page - Rohm BU1852GUW_12 Datasheet HTML 12Page - Rohm BU1852GUW_12 Datasheet HTML 13Page - Rohm BU1852GUW_12 Datasheet HTML 14Page - Rohm BU1852GUW_12 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Technical Note
11/25
BU1852GUW, BU1852GXW
www.rohm.com
2012.08 - Rev.B
© 2012 ROHM Co., Ltd. All rights reserved.
Functional Description
1. Power mode
The device enters the state of Power Down when XRST=”0”. When XRST becomes High after powered, the device
enters the standby state.
Power On Reset
A Power On Reset logic is implemented in this device. Therefore, it will operate correctly even if the XRST port is not
used. In this case, the XRST port must be connected to “1” (VDD), and the PORENB port must be connected to “0”
(VSS). If you don’t want to use Power On reset, you must connect PORENB port to “1” (VDD).
Power Down State
The device enters Power Down state by XRST=”0”. An internal circuit is initialized, and key encoding and 3wire/I
2C
interface are invalid. Power On Reset becomes inactive during this state.
Stand-by State
The device enters the stand-by state by setting XRST to "1". In this state, the device is waiting for keys pressed or
I
2C communication (TW=”0”). When a key is pressed or I2C start condition, the state will change to operation. Power
On Reset is active in this state if PORENB = “0”.
Operating State
The device enters the operating state by pressing keys. The device will scan the key matrix and encode the key code,
and then the 3wire/I
2C interface tries to start communication by driving XINT “0”. See next section for the details.
After communicating with host device, when no keys are pressed, the device returns to the stand-by state. Power On
Reset is active in this state if PORENB=”0”.
2. Protocol of serial interface
I
2C
When set to TW=”0”, SCL and SDA are used for I
2C communication. Any register shown in section 4 can be
accessed through I
2C. Initially, all GPIO ports are set to GPI and pull-up/down ON. When the application requires
GPO or key scan, proper register setting should be done through I
2C.
3 wire (Original)
When set to TW=”1”, SCL and SDA are used for original 3wire communication, which is not the standard interface.
Any register shown in section 4 cannot be accessed through 3wire. With TW=”1”, only keyscan and key encoding
are supposed to be performed. GPIO function is inactive. When the application needs kind of complex system (for
instance, GPO+keyscan or GPIO+keyscan…), I2C mode is recommended.
See appendix for the details.


유사한 부품 번호 - BU1852GUW_12

제조업체부품명데이터시트상세설명
logo
Rohm
BU1852GUW ROHM-BU1852GUW_11 Datasheet
489Kb / 25P
   Keyencoder IC
More results

유사한 설명 - BU1852GUW_12

제조업체부품명데이터시트상세설명
logo
Rohm
BU1852GUW ROHM-BU1852GUW_11 Datasheet
489Kb / 25P
   Keyencoder IC
BU1852GXW ROHM-BU1852GXW Datasheet
492Kb / 26P
   Keyencoder IC
logo
NXP Semiconductors
SAA4995WP PHILIPS-SAA4995WP Datasheet
107Kb / 16P
   PANorama-IC PAN-IC
1997 Jun 10
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Mitsumi Electronics, Co...
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
    Compander IC Monolithic IC MM1100
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Mitsumi Electronics, Co...
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
   RegulatorReset IC Monolithic IC
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com