전자부품 데이터시트 검색엔진 |
|
FK20X5R0J336M 데이터시트(PDF) 3 Page - TDK Electronics |
|
FK20X5R0J336M 데이터시트(HTML) 3 Page - TDK Electronics |
3 / 12 page (2/11) 003-03 / 20110517 / e4941_fk.fm • All specifications are subject to change without notice. CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) FK28 AND FK18 TYPES SHAPES AND DIMENSIONS RATED VOLTAGE Edc: 50V Temperature characteristics Capacitance Tolerance Rated voltage Edc(V) Part No. FK28 type FK18 type C0G 1pF ±0.25pF 50 FK28C0G1H010C FK18C0G1H010C C0G 1.5pF ±0.25pF 50 FK28C0G1H1R5C FK18C0G1H1R5C C0G 2pF ±0.25pF 50 FK28C0G1H020C FK18C0G1H020C C0G 2.2pF ±0.25pF 50 FK28C0G1H2R2C FK18C0G1H2R2C C0G 3pF ±0.25pF 50 FK28C0G1H030C FK18C0G1H030C C0G 3.3pF ±0.25pF 50 FK28C0G1H3R3C FK18C0G1H3R3C C0G 4pF ±0.25pF 50 FK28C0G1H040C FK18C0G1H040C C0G 4.7pF ±0.25pF 50 FK28C0G1H4R7C FK18C0G1H4R7C C0G 5pF ±0.25pF 50 FK28C0G1H050C FK18C0G1H050C C0G 6pF ±0.5pF 50 FK28C0G1H060D FK18C0G1H060D C0G 6.8pF ±0.5pF 50 FK28C0G1H6R8D FK18C0G1H6R8D C0G 7pF ±0.5pF 50 FK28C0G1H070D FK18C0G1H070D C0G 8pF ±0.5pF 50 FK28C0G1H080D FK18C0G1H080D C0G 9pF ±0.5pF 50 FK28C0G1H090D FK18C0G1H090D C0G 10pF ±0.5pF 50 FK28C0G1H100D FK18C0G1H100D C0G 12pF ±5% 50 FK28C0G1H120J FK18C0G1H120J C0G 15pF ±5% 50 FK28C0G1H150J FK18C0G1H150J C0G 18pF ±5% 50 FK28C0G1H180J FK18C0G1H180J C0G 22pF ±5% 50 FK28C0G1H220J FK18C0G1H220J C0G 27pF ±5% 50 FK28C0G1H270J FK18C0G1H270J C0G 33pF ±5% 50 FK28C0G1H330J FK18C0G1H330J C0G 39pF ±5% 50 FK28C0G1H390J FK18C0G1H390J C0G 47pF ±5% 50 FK28C0G1H470J FK18C0G1H470J C0G 56pF ±5% 50 FK28C0G1H560J FK18C0G1H560J C0G 68pF ±5% 50 FK28C0G1H680J FK18C0G1H680J C0G 82pF ±5% 50 FK28C0G1H820J FK18C0G1H820J C0G 100pF ±5% 50 FK28C0G1H101J FK18C0G1H101J C0G 120pF ±5% 50 FK28C0G1H121J FK18C0G1H121J C0G 150pF ±5% 50 FK28C0G1H151J FK18C0G1H151J C0G 180pF ±5% 50 FK28C0G1H181J FK18C0G1H181J C0G 220pF ±5% 50 FK28C0G1H221J FK18C0G1H221J C0G 270pF ±5% 50 FK28C0G1H271J FK18C0G1H271J C0G 330pF ±5% 50 FK28C0G1H331J FK18C0G1H331J C0G 390pF ±5% 50 FK28C0G1H391J FK18C0G1H391J C0G 470pF ±5% 50 FK28C0G1H471J FK18C0G1H471J C0G 560pF ±5% 50 FK28C0G1H561J FK18C0G1H561J C0G 680pF ±5% 50 FK28C0G1H681J FK18C0G1H681J C0G 820pF ±5% 50 FK28C0G1H821J FK18C0G1H821J C0G 1000pF ±5% 50 FK28C0G1H102J FK18C0G1H102J C0G 1200pF ±5% 50 FK28C0G1H122J FK18C0G1H122J C0G 1500pF ±5% 50 FK28C0G1H152J FK18C0G1H152J C0G 1800pF ±5% 50 FK28C0G1H182J FK18C0G1H182J C0G 2200pF ±5% 50 FK28C0G1H222J FK18C0G1H222J C0G 2700pF ±5% 50 FK28C0G1H272J FK18C0G1H272J C0G 3300pF ±5% 50 FK28C0G1H332J FK18C0G1H332J C0G 3900pF ±5% 50 FK28C0G1H392J FK18C0G1H392J C0G 4700pF ±5% 50 FK28C0G1H472J FK18C0G1H472J C0G 5600pF ±5% 50 FK28C0G1H562J FK18C0G1H562J C0G 6800pF ±5% 50 FK28C0G1H682J FK18C0G1H682J C0G 8200pF ±5% 50 FK28C0G1H822J FK18C0G1H822J C0G 10000pF ±5% 50 FK28C0G1H103J FK18C0G1H103J 4.0max. 5.0 ±1.0 2.5max. Dimensions in mm FK28 FK18 2.5 ±0.8 4.0max. 2.5max. 2.5max. 2.5max. ø0.5 +0.1 –0.03 ø0.5 +0.1 –0.03 |
유사한 부품 번호 - FK20X5R0J336M |
|
유사한 설명 - FK20X5R0J336M |