전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1702AR 데이터시트(PDF) 5 Page - Sony Corporation

부품명 CXA1702AR
상세설명  4-channel REC/PB Amplifier for 8 mm VCR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1702AR 데이터시트(HTML) 5 Page - Sony Corporation

  CXA1702AR Datasheet HTML 1Page - Sony Corporation CXA1702AR Datasheet HTML 2Page - Sony Corporation CXA1702AR Datasheet HTML 3Page - Sony Corporation CXA1702AR Datasheet HTML 4Page - Sony Corporation CXA1702AR Datasheet HTML 5Page - Sony Corporation CXA1702AR Datasheet HTML 6Page - Sony Corporation CXA1702AR Datasheet HTML 7Page - Sony Corporation CXA1702AR Datasheet HTML 8Page - Sony Corporation CXA1702AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
—5—
CXA1702AR
15
DOP
H: 3.15V
L: 0V
output
16
RP_PB
H: 2.3V
or more
L: 0.6V
or less
input
17
MTOUT
2.4V
220mVp-p
(playback
Y signal)
output
18
Vcc2
4.75V
19 PCMOUT
1.95V
220mVp-p
output
20
MTF0
1.8V to
4.75V
input
Output pin for dropout detection
signal. Goes High at the time of
dropout.
Input pin for REC/PB switching
signal.
H : PB
L : REC
Output pin for playback video
signal.
Power supply pin.
Output pin for playback PCM
signal.
EVR adjusting pin for middle tune
fo. Increasing the input voltage
increases fo.
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
3.15V
15
150
2.4k
1.3m
140
16
35µ
50k
5.4k
2.15V
17
40µ
4k
400µ
330µ
25µ
3.5k
360µ
240µ
19
140
30k
270
40µ
2.85V
40µ
11k
20
1.7V


유사한 부품 번호 - CXA1702AR

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1700 SONY-CXA1700 Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AR SONY-CXA1700AR Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA1709 SONY-CXA1709 Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
More results

유사한 설명 - CXA1702AR

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA2032Q SONY-CXA2032Q Datasheet
323Kb / 20P
   2-channel REC/PB Amplifier for 8 mm VTR
logo
Rohm
BA7746S ROHM-BA7746S Datasheet
142Kb / 12P
   VCR Hi-Fi audio signal REC / PB amplifier
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
logo
Toshiba Semiconductor
TA1250F TOSHIBA-TA1250F Datasheet
325Kb / 9P
   4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
logo
Rohm
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
   Switchless REC / PB amplifier for standard audio signal processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com