전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1726 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA1726
상세설명  Multiplier IC for Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1726 데이터시트(HTML) 1 Page - Sony Corporation

  CXA1726 Datasheet HTML 1Page - Sony Corporation CXA1726 Datasheet HTML 2Page - Sony Corporation CXA1726 Datasheet HTML 3Page - Sony Corporation CXA1726 Datasheet HTML 4Page - Sony Corporation CXA1726 Datasheet HTML 5Page - Sony Corporation CXA1726 Datasheet HTML 6Page - Sony Corporation CXA1726 Datasheet HTML 7Page - Sony Corporation CXA1726 Datasheet HTML 8Page - Sony Corporation CXA1726 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
The CXA1726AM/AS is a multiplier IC which is
used for dynamic convergence, dynamic focus and
others in CRT display monitors and projectors. It is
used in conjunction with an IC (CXA1470AM/AS)
which
generates
waveforms
for
deflection
compensation.
Features
Analog multiplier
4ch
• Maximum input voltage
±1.3V
• Maximum output voltage
±2.7V (RL = 3.9k
Ω)
• Frequency response
1.0MHz (–3dB)
• 4 inputs, 1 output
2ch
• 2 inputs, 1 output
2ch
Operational amplifier
2ch
• Maximum output voltage
±3.65V (RL = 1k
Ω)
• Frequency response
1MHz (–3dB)
Analog switch
1ch
• Maximum output voltage
• Frequency response
Absolute Maximum Ratings
• Supply voltage
VCC
7V
VEE
–7
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD (CXA1726AM)
625
mW
(CXA1726AS)
1350
mW
Block Diagram and Pin Configuration (Top View)
Applications
• CRT display monitors
• Projectors
Structure
Bipolar silicon monolithic IC
Operating Condition
Supply voltage
VCC
5 ± 0.25
V
VEE
–5 ± 0.25
V
– 1 –
CXA1726AM/AS
E94607B7X
Multiplier IC for Displays
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
30 pin SOP (Plastic)
30 pin SDIP (Plastic)


유사한 부품 번호 - CXA1726

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
More results

유사한 설명 - CXA1726

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ASM3P2274 ONSEMI-ASM3P2274_15 Datasheet
99Kb / 7P
   Multiplier EMI Reduction IC
July, 2015 ??Rev. 3
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
logo
Analog Devices
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
ON Semiconductor
ASM3P2274A ONSEMI-ASM3P2274A Datasheet
139Kb / 7P
   4X Multiplier EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Analog Devices
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
Mitsubishi Electric Sem...
M62457FP MITSUBISHI-M62457FP Datasheet
131Kb / 12P
   Peak hold IC for 5 band spectrum analayzer displays
logo
Renesas Technology Corp
M61506FP RENESAS-M61506FP Datasheet
3Mb / 14P
   Peak hold IC for 5 band spectrum analyzer displays
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com