전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1741Q 데이터시트(PDF) 9 Page - Sony Corporation

부품명 CXA1741Q
상세설명  IF Amplifier for Analog Cellular Communications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1741Q 데이터시트(HTML) 9 Page - Sony Corporation

Back Button CXA1741Q Datasheet HTML 5Page - Sony Corporation CXA1741Q Datasheet HTML 6Page - Sony Corporation CXA1741Q Datasheet HTML 7Page - Sony Corporation CXA1741Q Datasheet HTML 8Page - Sony Corporation CXA1741Q Datasheet HTML 9Page - Sony Corporation CXA1741Q Datasheet HTML 10Page - Sony Corporation CXA1741Q Datasheet HTML 11Page - Sony Corporation CXA1741Q Datasheet HTML 12Page - Sony Corporation CXA1741Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
—9—
CXA1741Q
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Current consumption - 1
Current consumption - 2
Current consumption - 3
Pin current
Pin 1 - Low
Pin current
Pin 1 - High
Pin current
Pin 19
Pin voltage - Pin 17
Pin voltage - Pin 38
Pin voltage - Pin 39
Pin voltage - Pin 40
OSC output swing
Pin 19
BPF output voltage - 1
BPF output voltage - 2
IF1 output voltage
Mixer image rejection
level
BPF 6 dB bandwidth
BPF 40 dB bandwidth
BPF extraband
attenuation
FM detection level
AM rejection ratio
ICC-11
ICC-24
ICC-33
IIL
IIH
I19
V17
V38
V39
V40
VOSC
VTG1
VTG2
VTIF
VIMAG
BW6dB
BW40dB
ATT40K
FMDET
AMR
fin = 45 MHz, -30 dBm
Pin 11
fin = 45 MHz, -30 dBm
Pin 24
fin = 45 MHz, -30 dBm
Pin 33
0 V
3 V
Crystal osc. 89.9 MHz
Crystal osc. 89.9 MHz
fin = 45 MHz, -50 dBm
fin = 45 MHz, -20 dBm
fin = 45 MHz, -20 dBm
fin = 44.9 MHz, -30 dBm
Vin = -50 dBm, Swept with fin = 45 MHz
regarded as the center
Vin = -50 dBm, Swept with fin = 45 MHz
regarded as the center
fo ±40 kHz
fin = 45 MHz, -30 dBm, fmod=1 kHz, Dev. =
5.6 kHz, Dev. = 5.6 kHz, used LPF 20 kHz
fin = 45 MHz, -30 dBm, fmod = 1 kHz,
Mod = 80% used LPF 20 kHz
0.8
1.1
1.5
mA
2
2.9
3.8
mA
3.8
5.3
7
mA
-14
-10
-7
µA
15
23
30
µA
0.4
0.6
mA
1.2
1.25
1.3
V
1.6
1.8
2
V
1
1.17
1.4
V
1
1.2
1.4
V
70
93
130
mV
rms
100
162
220
mV
rms
220
291
360
mV
rms
80
89
100
mV
rms
30
100
mV
rms
26
30
kHz
47
kHz
56
dB
150
194
250
mV
rms
-27
-20
dB
Electrical Characteristics
0dBm = 50
Ω, 1mW
VCC = 3V, Ta = 25°C
FOSC = 89.9 MHz
Wide BPF; TACS mode (Pin 1=Low)


유사한 부품 번호 - CXA1741Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
   IF Amplifier for Analog Cellular Communications
CXA1744AR SONY-CXA1744AR Datasheet
340Kb / 18P
   IF Amplifier for Digital Cordless Telephone
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
More results

유사한 설명 - CXA1741Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
   IF Amplifier for Analog Cellular Communications
logo
Rohm
BH4138FV ROHM-BH4138FV Datasheet
127Kb / 10P
   2nd mixer and IF amplifier IC for digital cellular
logo
Epson ToYoCom
TQS-472BA-7R EPSONTOYOCOM-TQS-472BA-7R Datasheet
341Kb / 2P
   SAW FILTER FOR CELLULAR / IF
TQS-477AA-7R EPSONTOYOCOM-TQS-477AA-7R Datasheet
347Kb / 2P
   SAW FILTER FOR CELLULAR / IF
logo
Sony Corporation
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
   Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
logo
NEC
UPC8001 NEC-UPC8001 Datasheet
130Kb / 22P
   IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com