전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1785AR 데이터시트(PDF) 6 Page - Sony Corporation

부품명 CXA1785AR
상세설명  US Audio Multiplexing Decoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1785AR 데이터시트(HTML) 6 Page - Sony Corporation

Back Button CXA1785AR Datasheet HTML 2Page - Sony Corporation CXA1785AR Datasheet HTML 3Page - Sony Corporation CXA1785AR Datasheet HTML 4Page - Sony Corporation CXA1785AR Datasheet HTML 5Page - Sony Corporation CXA1785AR Datasheet HTML 6Page - Sony Corporation CXA1785AR Datasheet HTML 7Page - Sony Corporation CXA1785AR Datasheet HTML 8Page - Sony Corporation CXA1785AR Datasheet HTML 9Page - Sony Corporation CXA1785AR Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
—6—
CXA1785AR
Smoothing capacitor con-
nection for the feedback circuit
of RGB output DC level control
. Use a low-leakage capacitor
because this pin has high
impedance.
RGB primary color signal
output.
Power supply connection for
RGB output.
Sets the RGB output ampl-
itude (black-black) clip level.
This pin is preset internally.
Fine adjustment for R and B
signal brightness. Functions
with the
γ compensation curve.
This pin is preset internally.
Polarity reverse timing pulse
input for RGB output.
Reversed when low; non-
reversed when high.
GND
VCC1
VEE
21
23
19
VCC2
VEE
20
22
24
VCC1
GND
26
GND
VCC1
VEE
27
28
GND
VCC1
VEE
29
19
R DC DET
21
G DC DET
23
B DC DET
20
R OUT
Vcc2+VEE
2
22
G OUT
24
B OUT
25
VCC2
26
CLIP
2.3V
27
SUB
2.2V
BRIGHT
R
28
SUB
2.2V
BRIGHT
B
29
FRP
Pin No.
Symbol
Pin voltage
Equivalent circuit
Description


유사한 부품 번호 - CXA1785AR

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

유사한 설명 - CXA1785AR

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1784AS SONY-CXA1784AS Datasheet
724Kb / 38P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com