전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1787N 데이터시트(PDF) 8 Page - Sony Corporation

부품명 CXA1787N
상세설명  2GHz-band PLL IC for Mobile Communications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1787N 데이터시트(HTML) 8 Page - Sony Corporation

Back Button CXA1787N Datasheet HTML 4Page - Sony Corporation CXA1787N Datasheet HTML 5Page - Sony Corporation CXA1787N Datasheet HTML 6Page - Sony Corporation CXA1787N Datasheet HTML 7Page - Sony Corporation CXA1787N Datasheet HTML 8Page - Sony Corporation CXA1787N Datasheet HTML 9Page - Sony Corporation CXA1787N Datasheet HTML 10Page - Sony Corporation CXA1787N Datasheet HTML 11Page - Sony Corporation CXA1787N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
– 8 –
CXA1787N
(a) Data structure of reference counter
(First, input the SW bit and input the C bit last.)
R0 to RD: Frequency division number of reference counter (Binary value with R0 as LSB)
SW:
Switching bit of frequency division numbers of 2-modulus pre-scaler block for programmable
counter.
C:
This code decides the latch direction of data; set to High.
(b) Data structure of pulse swallow programmable counter
(First, input the MA bit and input the C bit last.)
M0 to MA: Frequency division number of main counter (Binary value with M0 as LSB)
S0 to S6: Frequency division number of swallow counter (Binary value with S0 as LSB)
C:
This code decides the latch direction of data; set to Low.
The frequency division value of programmable counter can be obtained with the following equation;
N
× M + S
N: Frequency division value of 2-modulus pre-scaler (64 or 128)
(M > S)
M: Main counter value
S: Swallow counter value
(1) Data input timing
SW RD RC RB RA R9 R8 R7 R6 R5 R4 R3 R2 R1 R0
C
Input direction
MA M9 M8 M7 M6 M5 M4 M3 M2 M1 M0 S6 S5 S4 S3 S2 S1 S0
C
Input direction
SW
Frequency division number
1
64/65-frequency division
0
128/129-frequency division
DATA
CK
LAT
(C bit)
Data is read at the rising edge of CK.
t1 to t5
≥ 500ns
(SW bit or MA bit)
t1
t2
t3
t5
t4


유사한 부품 번호 - CXA1787N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

유사한 설명 - CXA1787N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
   1.1GHz-band PLL IC for Mobile Communications
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
   For Mobile Communications
NX2520SG NDK-NX2520SG_15 Datasheet
295Kb / 1P
   For Mobile Communications
NX2016SF_18 NDK-NX2016SF_18_03 Datasheet
785Kb / 1P
   For Mobile Communications
NX2016SF NDK-NX2016SF Datasheet
369Kb / 1P
   For Mobile Communications
NX1612SB NDK-NX1612SB_17 Datasheet
755Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_15 Datasheet
299Kb / 1P
   For Mobile Communications
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com