전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1810AQ 데이터시트(PDF) 4 Page - Sony Corporation

부품명 CXA1810AQ
상세설명  Luminance and Color Signal Processing for 8mm VCR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1810AQ 데이터시트(HTML) 4 Page - Sony Corporation

  CXA1810AQ Datasheet HTML 1Page - Sony Corporation CXA1810AQ Datasheet HTML 2Page - Sony Corporation CXA1810AQ Datasheet HTML 3Page - Sony Corporation CXA1810AQ Datasheet HTML 4Page - Sony Corporation CXA1810AQ Datasheet HTML 5Page - Sony Corporation CXA1810AQ Datasheet HTML 6Page - Sony Corporation CXA1810AQ Datasheet HTML 7Page - Sony Corporation CXA1810AQ Datasheet HTML 8Page - Sony Corporation CXA1810AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
—4—
CXA1810AQ/AR
Pin Description
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
Chroma emphasis f0 (center
frequency) adjustment. (Refer
to item 7 on Description of
Operation.)
Main emphasis and main de-
emphasis time constant.
When recording, the
emphasized Y signal prior to
white/dark clipping is output.
Main emphasis and main de-
emphasis time constant.
Apply an external constant
between this pin and Pin 2, as
shown below.
HPF time constant that forms
sub emphasis and sub de-
emphasis. Add resistance
between this pin and Pin 11.
During recording, Y emphasis
input. During playback, this
signal to the noise canceler is
input. Performs diode
clamping (sync tip clamping),
with the clamp capacitance
attached externally.
25µA
150
1
1mA
150
2
4k
100
3
100
4
100
150
5
1
C EMPH
CONT
2
MAIN
EMPH
OUT
3
MAIN
EMPH
TC
4
SUB
EMPH
TC
5
EMPH IN
Control
range:
1.8V to 3.8V
2.05V (sync
tip level)
2.05V (when
time constant
connected)
2.05V (when
time constant
connected)
2.05V (sync
tip level)
250mVp-p
output
500mVp-p
input
2
3
VG1
11
4


유사한 부품 번호 - CXA1810AQ

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1814 SONY-CXA1814 Datasheet
374Kb / 20P
   8 mm VCR ATF
CXA1814N SONY-CXA1814N Datasheet
374Kb / 20P
   8 mm VCR ATF
logo
Cree, Inc
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
More results

유사한 설명 - CXA1810AQ

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com