전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC2202KC 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPIC2202KC
상세설명  2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2202KC 데이터시트(HTML) 3 Page - Texas Instruments

  TPIC2202KC Datasheet HTML 1Page - Texas Instruments TPIC2202KC Datasheet HTML 2Page - Texas Instruments TPIC2202KC Datasheet HTML 3Page - Texas Instruments TPIC2202KC Datasheet HTML 4Page - Texas Instruments TPIC2202KC Datasheet HTML 5Page - Texas Instruments TPIC2202KC Datasheet HTML 6Page - Texas Instruments TPIC2202KC Datasheet HTML 7Page - Texas Instruments TPIC2202KC Datasheet HTML 8Page - Texas Instruments TPIC2202KC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPIC2202
2CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS017 − SEPTEMBER 1992
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
7.5 A
IS
0
IRM
25% of IRM
trr
di/dt = 100 A/
µs
QRR = Shaded Area
(see Note A)
NOTE A: IRM = maximum recovery current
Figure 1. Reverse-Recovery-Current Waveforms of Source-Drain Diode
Pulse Generator
50
Rgen
50
VGS
25 V
DUT
VDS
TEST CIRCUIT
VDD
VDS(on)
td(on)
tf
td(off)
90%
10%
90%
10%
VOLTAGE WAVEFORMS
VGS
VDS
RL
15 V
0
tr
90%
ten
tdis
Figure 2. Test Circuit and Voltage Waveforms, Resistive Switching


유사한 부품 번호 - TPIC2202KC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2010RDFDRG4 TI1-TPIC2010RDFDRG4 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030DBTRG4 TI1-TPIC2030DBTRG4 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
More results

유사한 설명 - TPIC2202KC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com