전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC2301 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TPIC2301
상세설명  3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2301 데이터시트(HTML) 6 Page - Texas Instruments

  TPIC2301 Datasheet HTML 1Page - Texas Instruments TPIC2301 Datasheet HTML 2Page - Texas Instruments TPIC2301 Datasheet HTML 3Page - Texas Instruments TPIC2301 Datasheet HTML 4Page - Texas Instruments TPIC2301 Datasheet HTML 5Page - Texas Instruments TPIC2301 Datasheet HTML 6Page - Texas Instruments TPIC2301 Datasheet HTML 7Page - Texas Instruments TPIC2301 Datasheet HTML 8Page - Texas Instruments TPIC2301 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TPIC2301
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS018 – SEPTMEBER 1992
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
0.6
0.4
0.2
0
0.8
1
1.2
GATE-SOURCE THRESHOLD VOLTAGE
vs
CASE TEMPERATURE
TC – Case Temperature – °C
– 50
25
125
1.4
1.6
1.8
2
– 25
0
100
50
75
ID = 1 mA
SOURCE-DRAIN DIODE CURRENT
vs
SOURCE-DRAIN VOLTAGE
0
0.5
1
1.5
2
VSD – Source-Drain Voltage – V
0.1
1
10
100
TC = 125°C
TC = – 40°C
TC = 25°C
Figure 10
Figure 11
GATE-SOURCE VOLTAGE
vs
GATE CHARGE
Q – Gate Charge – nC
10
8
4
2
0
6
0
1.5
7.5
10.5
14
12
16
15
9
13.5
12
3
4.5
6
VDS = 30 V
VDS = 20 V
VDS = 48 V
ID = 2.5 A
TC = 25°C
250
200
100
50
0
150
0
100
500
300
200
300
400
REVERSE RECOVERY TIME
vs
REVERSE di/dt
Reverse di/dt – A/
µs
TC = 25°C
Figure 12


유사한 부품 번호 - TPIC2301

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2302D TI-TPIC2302D Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2302DR TI-TPIC2302DR Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
More results

유사한 설명 - TPIC2301

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com