전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1829N 데이터시트(PDF) 5 Page - Sony Corporation

부품명 CXA1829N
상세설명  8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1829N 데이터시트(HTML) 5 Page - Sony Corporation

  CXA1829N Datasheet HTML 1Page - Sony Corporation CXA1829N Datasheet HTML 2Page - Sony Corporation CXA1829N Datasheet HTML 3Page - Sony Corporation CXA1829N Datasheet HTML 4Page - Sony Corporation CXA1829N Datasheet HTML 5Page - Sony Corporation CXA1829N Datasheet HTML 6Page - Sony Corporation CXA1829N Datasheet HTML 7Page - Sony Corporation CXA1829N Datasheet HTML 8Page - Sony Corporation CXA1829N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
—5—
CXA1829N
Measure-
Item
Symbol
Measurement conditions
ment
Min.
Typ.
Max.
Unit
point
Current consumption for
Read
Current consumption for
Write
Current consumption for
Servo
Current consumption for
Power save
Digital low input voltage
Digital high input voltage
Digital low input current
Digital high input current
Write-unsafe output
saturation voltage
Write-unsafe output leak
current
Power ON/OFF detector
threshold voltage
Write current setting
range
Write current accuracy
Read amplifier differential
voltage gain
Bandwidth (-3 dB)
Input conversion noise
voltage
Common mode rejection
ratio
IR
IW
ISE
IP
VIL
VIH
IL
IH
VWUS
IWUS
VTH
IW
∆Iw
AV
BW
EN
CMRR
R/W="H"
R/W="L"
WSER="L"
PS="H"
High applied voltage: 5 V
Low applied voltage: 0 V
Output current: 1 mA
Current flowing between head pins.
When Write current is IW [mA], then:
IW=
Rw
___
K
(Rw:
Ω),
Refer to Fig. 12 (Characteristics) for K.
Input voltage SG1:1mVp-p,300kHz
Load resistance (RDX, RDY): 1k
Frequency at which Av drops by 3dB
Head impedance: 0
In-phase input voltage SG2:100mVp-p,
10 MHz
E17
23
33
E
24
32
45
+IW
+IW
+IW
mA
E
71
91
111
+4
×IW +4×IW +4×IW
E
0.8
1.4
2.0
B
0.8
DV
F
2.0
G
H
-70
IµA
J70
C
0.5
V
C10
µA
VCC
3.6
3.9
4.3
V
A
A
5
15
mAo-p
A-8
8
%
K
245
290
335
V/V
K
60
MHz
K
0.55
0.7
nV
√Hz
K50
77
dB
Electrical Characteristics (unless otherwise specified, VCC = 5 V, Ta = 25°C, Write current IW = 15 mA)
Refer to Measurement Circuit 1.


유사한 부품 번호 - CXA1829N

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P227F CREE-CXA1820-0000-000N00P227F Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P227H CREE-CXA1820-0000-000N00P227H Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P427F CREE-CXA1820-0000-000N00P427F Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P427H CREE-CXA1820-0000-000N00P427H Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
More results

유사한 설명 - CXA1829N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
logo
NXP Semiconductors
TDA5360 PHILIPS-TDA5360 Datasheet
198Kb / 34P
   Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
1998 Jul 30
TDA5153 PHILIPS-TDA5153 Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com