전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1851N 데이터시트(PDF) 2 Page - Sony Corporation

부품명 CXA1851N
상세설명  Up/Down Converter for 900 MHz-Band Mobile Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1851N 데이터시트(HTML) 2 Page - Sony Corporation

  CXA1851N Datasheet HTML 1Page - Sony Corporation CXA1851N Datasheet HTML 2Page - Sony Corporation CXA1851N Datasheet HTML 3Page - Sony Corporation CXA1851N Datasheet HTML 4Page - Sony Corporation CXA1851N Datasheet HTML 5Page - Sony Corporation CXA1851N Datasheet HTML 6Page - Sony Corporation CXA1851N Datasheet HTML 7Page - Sony Corporation CXA1851N Datasheet HTML 8Page - Sony Corporation CXA1851N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
—2—
CXA1851N
Pin Description
Typical pin
voltage (V)
1
GND
0.0
GND pin for the down converter.
2
RF BYPASS
1.1
MIX input by-pass pin for the down
converter.
3
RF INPUT
0.9
RF
input
pin
for
the
down
converter.
Because
of
high
impedance, a 4.7 nH external chip
inductor should be used for
impedance matching.
4
PEAKING
0.12
Emitter pin for the low-noise
OUT
amplifier. Connect an approximate-
ly 3 pF chip capacitor and an
approximately 22
Ω chip resistor in
series to the GND.
5
P/S
0 to 4.5
Power saving control pin for the
(for DOWN
down converter.
CONV.)
OFF when Vp/s
≤1.0 V; ON when
Vp/s
≥1.8 V
6
P/S
0 to 4.5
Power saving control pin for the up
(for UP
converter.
CONV.)
OFF when Vp/s
≤1.0 V; ON when
Vp/s
≥1.8 V
7VCC
2.7 to 4.5
Power supply for the up converter.
(for Up
CONV.)
8
RF OUTPUT
2.7
RF output pin for the up converter.
(Vcc=2.7V)
Connect this pin to the Pin 7 power
supply via the 15 nH chip inductor.
9
GND
0.0
GND pin for the up converter RF
amplifier.
REG
REG
2
3
4
5
6
REG
8
Pin No.
Symbol
Equivalent circuit
Description


유사한 부품 번호 - CXA1851N

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

유사한 설명 - CXA1851N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
   SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
   1.1GHz-band PLL IC for Mobile Communications
CXA1787N SONY-CXA1787N Datasheet
176Kb / 13P
   2GHz-band PLL IC for Mobile Communications
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
   For Mobile Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com