전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1853AQ 데이터시트(PDF) 3 Page - Sony Corporation

부품명 CXA1853AQ
상세설명  RGB Driver for LCD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1853AQ 데이터시트(HTML) 3 Page - Sony Corporation

  CXA1853AQ Datasheet HTML 1Page - Sony Corporation CXA1853AQ Datasheet HTML 2Page - Sony Corporation CXA1853AQ Datasheet HTML 3Page - Sony Corporation CXA1853AQ Datasheet HTML 4Page - Sony Corporation CXA1853AQ Datasheet HTML 5Page - Sony Corporation CXA1853AQ Datasheet HTML 6Page - Sony Corporation CXA1853AQ Datasheet HTML 7Page - Sony Corporation CXA1853AQ Datasheet HTML 8Page - Sony Corporation CXA1853AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
– 3 –
CXA1853AQ
Pin Description
(VCC1 = 5V, VCC2 = 13V)
Pin
NO.
Symbol
Pin voltage
Equivalent circuit
Description
1
RGB MBRT
1.6 to 5.0V∗
RGB signal common main
brightness control. Preset
internally to 3.3V.
4
R MBRT
1.6 to 5.0V∗
R signal main brightness
control. Preset internally to
3.3V.
5
B MBRT
1.6 to 5.0V∗
B signal main brightness
control. Preset internally to
3.3V.
7
GAM OUT
2V
G signal output of which main
bright and gamma are
adjusted and insert the
reference signal.
8VCC1
5V
5V power supply.
9
RIN
0V
R signal input.
Input a 0.7Vp-p signal.Note 2)
10
GIN
G signal input.
Input a 0.7Vp-p signal.Note 2)
11
BIN
B signal input.
Input a 0.7Vp-p signal.Note 2)
12
GND
GND.
13
SID OUT
SID signal output.
1
VCC1
GND
80k
80k
37k
200
40µA
40µA
40µA
2k
VCC1
GND
80k
80k
74k
200
20µA
40µA
20µA
4
5
5k
VCC1
GND
100
7
100
10
11
VCC1
GND
200
50µA
6.2k
9
VCC2
GND
10
13
10
Note 1) ∗ in the Pin voltage indicates external applied voltage.
Note 2) Defined as the amplitude from the pedestal level to white.
Reference level
9.3Vp-p
Typ.


유사한 부품 번호 - CXA1853AQ

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
More results

유사한 설명 - CXA1853AQ

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1819Q SONY-CXA1819Q Datasheet
387Kb / 20P
   RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
logo
Panasonic Semiconductor
AN5371NS PANASONIC-AN5371NS Datasheet
145Kb / 2P
   RGB Signal Output for LCD TV
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
[Old version datasheet]   Quad RGB Driver
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
   Quad RGB Driver
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
   3-Channel Driver for RGB LED Cluster
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com