전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1854AR 데이터시트(PDF) 6 Page - Sony Corporation

부품명 CXA1854AR
상세설명  Decoder/Driver/Timing Generator for Color LCD Panels
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1854AR 데이터시트(HTML) 6 Page - Sony Corporation

Back Button CXA1854AR Datasheet HTML 2Page - Sony Corporation CXA1854AR Datasheet HTML 3Page - Sony Corporation CXA1854AR Datasheet HTML 4Page - Sony Corporation CXA1854AR Datasheet HTML 5Page - Sony Corporation CXA1854AR Datasheet HTML 6Page - Sony Corporation CXA1854AR Datasheet HTML 7Page - Sony Corporation CXA1854AR Datasheet HTML 8Page - Sony Corporation CXA1854AR Datasheet HTML 9Page - Sony Corporation CXA1854AR Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
– 6 –
CXA1854AR
9
EXT-R
10
EXT-G
11
EXT-B
39
R OUT
41
G OUT
43
B OUT
40
FB R
42
FB G
44
FB B
VCC2
2
External digital signal input.
There are two threshold
values: Vth1 (approximately
1.2V) and Vth2 (approximately
2.2V). When one of the EXT-
RGB signals exceeds Vth1, all
of the RGB outputs go to
black level (black side clip
level); when an input exceeds
Vth2, only the corresponding
output goes to white level
(white side limiter level).
RGB primary color signal
output.
Smoothing capacitor
connection for the feedback
circuit of RGB output DC level
control.
Use a low-leakage capacitor
because of high impedance.
VCC1
GND1
200
9
11
10
39
43
50
VCC2
GND2
50
41
GND2
40
42
44
2k
VCC2
46
BLKLIM
Sets the RGB output amplitude
(black-black) clip level.
46
2k
VCC1
GND1
50k
48
REG
4.2V
Smoothing capacitor
connection for the internally
generated constant voltage
source circuit.
Connect a capacitor of 1µF or
more.
VCC1
GND1
60k
40k
40k
48
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description


유사한 부품 번호 - CXA1854AR

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

유사한 설명 - CXA1854AR

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com