전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1870S 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA1870S
상세설명  Color TV Y/C/Jungle
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1870S 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA1870S Datasheet HTML 6Page - Sony Corporation CXA1870S Datasheet HTML 7Page - Sony Corporation CXA1870S Datasheet HTML 8Page - Sony Corporation CXA1870S Datasheet HTML 9Page - Sony Corporation CXA1870S Datasheet HTML 10Page - Sony Corporation CXA1870S Datasheet HTML 11Page - Sony Corporation CXA1870S Datasheet HTML 12Page - Sony Corporation CXA1870S Datasheet HTML 13Page - Sony Corporation CXA1870S Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
—10—
CXA1870S
Pin
No.
39
40
41
42
Symbol
H S/S OUT
H SYNC
V SYNC
V BIAS
Description
H sync separation pulse output.
A positive polarity pulse is output
from this pin.
High level: 4.6 V
Low level:
0 V
H sync separation input pin.
Inputs a 2 Vp-p video signal via a
capacitor and resistor.
V sync separation input pin.
Inputs a 2 Vp-p video signal via a
capacitor and resistor.
The V oscillator reference voltage
is output from this pin.
23k
1.2k
39
VCC
VCC
150
14k
24k
20k
40
10µA
VCC
VCC
150
10k
26k
31k
10k
20k
41
20µA
30k
4k
20k
42
VCC
VCC
Pin
voltage
2.6 V
3.4 V
3.8 V
Equivalent circuit


유사한 부품 번호 - CXA1870S

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1875 SONY-CXA1875 Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1875AM SONY-CXA1875AM Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1875AP SONY-CXA1875AP Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results

유사한 설명 - CXA1870S

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1465AS SONY-CXA1465AS Datasheet
892Kb / 37P
   Color TV Y/C/Jungle/RGB Interface/Deflection Compensation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
logo
List of Unclassifed Man...
L19A11W ETC1-L19A11W Datasheet
2Mb / 44P
   COLOR TV
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
   Color TV Audio Output & Color TV Vertical
logo
Sony Corporation
CXA2050S SONY-CXA2050S Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com