전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1878Q 데이터시트(PDF) 8 Page - Sony Corporation

부품명 CXA1878Q
상세설명  Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1878Q 데이터시트(HTML) 8 Page - Sony Corporation

Back Button CXA1878Q Datasheet HTML 4Page - Sony Corporation CXA1878Q Datasheet HTML 5Page - Sony Corporation CXA1878Q Datasheet HTML 6Page - Sony Corporation CXA1878Q Datasheet HTML 7Page - Sony Corporation CXA1878Q Datasheet HTML 8Page - Sony Corporation CXA1878Q Datasheet HTML 9Page - Sony Corporation CXA1878Q Datasheet HTML 10Page - Sony Corporation CXA1878Q Datasheet HTML 11Page - Sony Corporation CXA1878Q Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
– 8 –
CXA1878Q
25
26
27
28
29
DECK A/B
METER1
METER2
REC VOL
REC BAL
1.6V
2.5V
when
open
–1.1dBv
I
O
I
I
100k
100k
Playback deck A/B
select control
∗ Playback equalizer
amplifier input
selection
High: PB INB
Low : PB INA
Level meter amplifier
output
Recording volume level
control
High: Output signal
level increased
Low : Output signal
level reduced
Recording volume
balance control
High : Only VOL OUT2
output level
reduced
Low : Only VOL OUT1
output level
reduced
∗ Neither VOL OUT1
nor 2 output levels are
attenuated at the
control voltage of 2.5V.
30
DGND
0.0V
Connect to GND.
10k
DGND
25
27
60k
10k
26
60k
40k
28
GND
70k
8k
29
8k
21k
30k
DVCC/2
DC
AC
Pin
No.
Symbol
I/O
Z (in)
Equivalent circuit
Description
Typical pin voltage


유사한 부품 번호 - CXA1878Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1870 SONY-CXA1870 Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1870S SONY-CXA1870S Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1875 SONY-CXA1875 Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1875AM SONY-CXA1875AM Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
More results

유사한 설명 - CXA1878Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1797Q SONY-CXA1797Q Datasheet
737Kb / 31P
   Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com