전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2394 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 2SK2394
상세설명  N-Channel Junction Silicon FET Low-Noise HF Amplifi er Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2394 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  2SK2394_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2394_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2394_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SK2394_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SK2394_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SK2394_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2394
No.4839-1/6
Applications
AM tuner RF amplifier
Low-noise amplifier
Features
Large
| yfs |
Small Ciss
Small-sized package permitting 2SK2394-applied sets to be made small slim
Ultralow noise figure
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSX
15
V
Gate-to-Drain Voltage
VGDS
--15
V
Gate Current
IG
10
mA
Drain Current
ID
50
mA
Allowable Power Dissipation
PD
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7013A-011
Ordering number : EN4839B
90512 TKIM/22299TS/73094MT (KOTO) BX-1128
SANYO Semiconductors
DATA SHEET
2SK2394
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
TB
1 : Source
2 : Drain
3 : Gate
SANYO : CP
12
3
2.9
0.95
0.4
0.1
1
2
3
YJ
2SK2394-6-TB-E
2SK2394-7-TB-E
N-Channel Junction Silicon FET
Low-Noise HF Amplifier Applications


유사한 부품 번호 - 2SK2394_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SK2394-6-TB-E ONSEMI-2SK2394-6-TB-E Datasheet
294Kb / 6P
   N-Channel JFET
August, 2013
2SK2394-7-TB-E ONSEMI-2SK2394-7-TB-E Datasheet
294Kb / 6P
   N-Channel JFET
August, 2013
More results

유사한 설명 - 2SK2394_12

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
CPH3910 SANYO-CPH3910 Datasheet
358Kb / 4P
   N-Channel Junctin Silicon FET High-Frequency Low-Noise Amplifi er Applications
TF408 SANYO-TF408 Datasheet
337Kb / 4P
   N-Channel Silicon Junction FET Low-Frequency General-Purpose Amplifi er, Impedance Converter Applications
CPH6904 SANYO-CPH6904 Datasheet
372Kb / 4P
   N-Channel Silicon MOSFET High-Frequency Low-Noise Amplifi er Applications
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Sanyo Semicon Device
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
logo
Supertex, Inc
MD3880 SUTEX-MD3880 Datasheet
615Kb / 6P
   4-Channel Low-Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com