전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

90-110MT.KPBF 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 90-110MT.KPBF
상세설명  Three Phase Bridge (Power Modules), 90/110 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90-110MT.KPBF 데이터시트(HTML) 1 Page - Vishay Siliconix

  90-110MT.KPBF Datasheet HTML 1Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 2Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 3Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 4Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 5Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 6Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 7Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94352
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
1
Three Phase Bridge
(Power Modules), 90/110 A
90-110MT.KPbF Series
Vishay High Power Products
FEATURES
• Package fully compatible with the industry
standard INT-A-PAK power modules series
• High thermal conductivity package, electrically
insulated case
• Excellent power volume ratio, outline for easy connections
to power transistor and IGBT modules
• 4000 VRMS isolating voltage
• UL E78996 approved
• Totally lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
A range of extremely compact, encapsulated three phase
bridge rectifiers offering efficient and reliable operation. They
are intended for use in general purpose and heavy duty
applications.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IO
90/110 A
MTK
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
90MT.K
110MT.K
UNITS
IO
90 (120)
110 (150)
A
TC
90 (61)
90 (57)
°C
IFSM
50 Hz
770
950
A
60 Hz
810
1000
I2t
50 Hz
3000
4500
A2s
60 Hz
2700
4100
I2
√t
30 000
45 000
A2
√s
VRRM
Range
800 to 1600
V
TStg
Range
- 40 to 150
°C
TJ
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = MAXIMUM
mA
90-110MT..K
80
800
900
10
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700


유사한 부품 번호 - 90-110MT.KPBF

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
90-11 COILCRAFT-90-11 Datasheet
111Kb / 2P
   Axial Lead Chokes
More results

유사한 설명 - 90-110MT.KPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2023
113MT160KS90PBF VISHAY-113MT160KS90PBF Datasheet
188Kb / 9P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
Revision: 13-Aug-08
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2023
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2023
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V02 Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com