전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25M01YE.GT3 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 CAT25M01YE.GT3
상세설명  1 Mb SPI Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M01YE.GT3 데이터시트(HTML) 1 Page - ON Semiconductor

  CAT25M01YE.GT3 Datasheet HTML 1Page - ON Semiconductor CAT25M01YE.GT3 Datasheet HTML 2Page - ON Semiconductor CAT25M01YE.GT3 Datasheet HTML 3Page - ON Semiconductor CAT25M01YE.GT3 Datasheet HTML 4Page - ON Semiconductor CAT25M01YE.GT3 Datasheet HTML 5Page - ON Semiconductor CAT25M01YE.GT3 Datasheet HTML 6Page - ON Semiconductor CAT25M01YE.GT3 Datasheet HTML 7Page - ON Semiconductor CAT25M01YE.GT3 Datasheet HTML 8Page - ON Semiconductor CAT25M01YE.GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 0
1
Publication Order Number:
CAT25M01/D
CAT25M01
1 Mb SPI Serial CMOS
EEPROM
Description
The CAT25M01 is a 1M−bit Serial CMOS EEPROM device
internally organized as 128Kx8 bits. This features a 256−byte page
write buffer and supports the Serial Peripheral Interface (SPI)
protocol. The device is enabled through a Chip Select (CS) input. In
addition, the required bus signals are clock input (SCK), data input
(SI) and data output (SO) lines. The HOLD input may be used to pause
any serial communication with the CAT25M01 device. The device
features software and hardware write protection, including partial as
well as full array protection.
On−Chip ECC (Error Correction Code) makes the device suitable
for high reliability applications.
Features
10 MHz SPI Compatible
1.8 V to 5.5 V Supply Voltage Range
SPI Modes (0,0) & (1,1)
256−byte Page Write Buffer
Additional Identification Page with Permanent Write Protection
Self−timed Write Cycle
Hardware and Software Protection
Block Write Protection –
Protect 1/4, 1/2 or Entire EEPROM Array
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
8 lead SOIC and TSSOP Packages
This Device is Pb−Free, Halogen Free/BFR Free and is RoHS
Compliant
Figure 1. Functional Symbol
SO
VSS
CAT25M01
VCC
SI
CS
WP
HOLD
SCK
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
PIN CONFIGURATION
SI
HOLD
VCC
VSS
WP
SO
CS
1
SCK
SOIC (V, X),
TSSOP (Y)
(Top View)
Chip Select
CS
Serial Data Output
SO
Write Protect
WP
Ground
VSS
Serial Data Input
SI
Serial Clock
SCK
Function
Pin Name
PIN FUNCTION
Hold Transmission Input
HOLD
Power Supply
VCC
SOIC−8
V SUFFIX
CASE 751BD
TSSOP−8
Y SUFFIX
CASE 948AL
SOIC−8
X SUFFIX
CASE 751BE


유사한 부품 번호 - CAT25M01YE.GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25M01YE-GT3 ONSEMI-CAT25M01YE-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
More results

유사한 설명 - CAT25M01YE.GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
CAT25M02 ONSEMI-CAT25M02 Datasheet
176Kb / 12P
   2 Mb SPI Serial CMOS EEPROM
January, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_16 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com