전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST730CLPBF 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 ST730CLPBF
상세설명  Phase Control Thyristors (Hockey PUK Version), 990 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST730CLPBF 데이터시트(HTML) 3 Page - Vishay Siliconix

  ST730CLPBF_12 Datasheet HTML 1Page - Vishay Siliconix ST730CLPBF_12 Datasheet HTML 2Page - Vishay Siliconix ST730CLPBF_12 Datasheet HTML 3Page - Vishay Siliconix ST730CLPBF_12 Datasheet HTML 4Page - Vishay Siliconix ST730CLPBF_12 Datasheet HTML 5Page - Vishay Siliconix ST730CLPBF_12 Datasheet HTML 6Page - Vishay Siliconix ST730CLPBF_12 Datasheet HTML 7Page - Vishay Siliconix ST730CLPBF_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94414
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
3
ST730CLPbF Series
Phase Control Thyristors
(Hockey PUK Version), 990 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp ≤ 5 ms
10.0
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
2.0
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
3.0
A
Maximum peak positive gate voltage
+ VGM
TJ = TJ maximum, tp ≤ 5 ms
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger/
current/voltage are the lowest
value which will trigger all units
12 V anode to cathode applied
200
-
mA
TJ = 25 °C
100
200
TJ = 125 °C
50
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
2.5
-
V
TJ = 25 °C
1.8
3.0
TJ = 125 °C
1.1
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated VDRM anode to
cathode applied
10
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance, junction to heatsink
RthJ-hs
DC operation single side cooled
0.073
K/W
DC operation double side cooled
0.031
Maximum thermal resistance, case to heatsink
RthC-hs
DC operation single side cooled
0.011
DC operation double side cooled
0.006
Mounting force, ± 10 %
14 700
(1500)
N
(kg)
Approximate weight
255
g
Case style
See dimensions - link at the end of datasheet
TO-200AC (B-PUK)
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.009
0.009
0.006
0.006
TJ = TJ maximum
K/W
120°
0.011
0.011
0.010
0.011
90°
0.014
0.014
0.015
0.015
60°
0.020
0.020
0.021
0.021
30°
0.036
0.036
0.036
0.036


유사한 부품 번호 - ST730CLPBF_12

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST730CLPBF VISHAY-ST730CLPBF Datasheet
150Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 990 A
Revision: 11-Aug-08
More results

유사한 설명 - ST730CLPBF_12

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST730CLPBF VISHAY-ST730CLPBF Datasheet
150Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 990 A
Revision: 11-Aug-08
VS-ST730CL VISHAY-VS-ST730CL_V01 Datasheet
206Kb / 8P
   Phase Control Thyristors(Hockey PUK Version), 990 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com