전자부품 데이터시트 검색엔진 |
|
CAT24C02VP2EGT3A 데이터시트(PDF) 1 Page - ON Semiconductor |
|
CAT24C02VP2EGT3A 데이터시트(HTML) 1 Page - ON Semiconductor |
1 / 20 page © Semiconductor Components Industries, LLC, 2012 September, 2012 − Rev. 22 1 Publication Order Number: CAT24C01/D CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16 1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM Description The CAT24C01/02/04/08/16 are 1−Kb, 2−Kb, 4−Kb, 8−Kb and 16−Kb respectively CMOS Serial EEPROM devices organized internally as 8/16/32/64 and 128 pages respectively of 16 bytes each. All devices support both the Standard (100 kHz) as well as Fast (400 kHz) I2C protocol. Data is written by providing a starting address, then loading 1 to 16 contiguous bytes into a Page Write Buffer, and then writing all data to non−volatile memory in one internal write cycle. Data is read by providing a starting address and then shifting out data serially while automatically incrementing the internal address count. External address pins make it possible to address up to eight CAT24C01 or CAT24C02, four CAT24C04, two CAT24C08 and one CAT24C16 device on the same bus. Features • Supports Standard and Fast I2C Protocol • 1.7 V to 5.5 V Supply Voltage Range • 16−Byte Page Write Buffer • Hardware Write Protection for Entire Memory • Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs (SCL and SDA) • Low power CMOS Technology • More than 1,000,000 Program/Erase Cycles • 100 Year Data Retention • Industrial and Extended Temperature Range • These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant SDA SCL WP VCC VSS 1 2 3 4 8 7 6 5 CAT24C__ 16 / 08 / 04 / 02 / 01 NC /// / NC NC NC NC NC A0 A0 A1 A1 A1 A2 A2 A2 A2 /// / /// / PIN CONFIGURATION PDIP (L), SOIC (W), TSSOP (Y), MSOP (Z), * The TDFN (VP2) package is not recommended for new designs. TDFN, (VP2)*, UDFN−EP (HU4) (Top View) See detailed ordering and shipping information in the package dimensions section on page 18 of this data sheet. ORDERING INFORMATION http://onsemi.com SOIC−8 W SUFFIX CASE 751BD TSOT−23 TD SUFFIX CASE 419AE PDIP−8 L SUFFIX CASE 646AA TSSOP−8 Y SUFFIX CASE 948AL MSOP−8 Z SUFFIX CASE 846AD TDFN−8* VP2 SUFFIX CASE 511AK VCC WP SDA VSS SCL 1 2 3 5 4 TSOT−23 (TD) (Top View) PIN CONFIGURATIONS UDFN8−EP HU4 SUFFIX CASE 517AZ WLCSP−4** C4A SUFFIX CASE 567DC WLCSP−5** C5A SUFFIX CASE 567DD ** WLCSP are available for the CAT24C04, CAT24C08 and CAT24C16 only. For availability, please contact factory. TOP MARKING FOR WLCSP X = Specific Device X = Code 4 = 24C04 8 = 24C08 6 = 24C16 Y = Production Year (Last Digit) M = Production Month (1−9, O, N, D) WLCSP−4 WLCSP−5 WLCSP−4** WLCSP−5** (Top Views) WP SCL SDA SCL SDA Pin 1 A 12 3 AB B C 1 2 Pin 1 VCC VSS VCC VSS X X Y M Y M Pin 1 (Ball Down) Pin 1 |
유사한 부품 번호 - CAT24C02VP2EGT3A |
|
유사한 설명 - CAT24C02VP2EGT3A |