전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317MT 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LM317MT
상세설명  500 mA Adjustable Output, Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MT 데이터시트(HTML) 5 Page - ON Semiconductor

  LM317MT Datasheet HTML 1Page - ON Semiconductor LM317MT Datasheet HTML 2Page - ON Semiconductor LM317MT Datasheet HTML 3Page - ON Semiconductor LM317MT Datasheet HTML 4Page - ON Semiconductor LM317MT Datasheet HTML 5Page - ON Semiconductor LM317MT Datasheet HTML 6Page - ON Semiconductor LM317MT Datasheet HTML 7Page - ON Semiconductor LM317MT Datasheet HTML 8Page - ON Semiconductor LM317MT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM317M, NCV317MAB, NCV317MB
http://onsemi.com
5
*Pulse Testing Required:
1% Duty Cycle is suggested.
Load Regulation (mV) = VO (min Load) -VO (max Load)
Load Regulation (% VO) =
VO (min Load) - VO (max Load)
X 100
VO (min Load)
VO (max Load)
LM317M
Cin
0.1
mF
Adjust
R2
1%
CO
1.0
mF
+
*
RL
(max Load)
RL
(min Load)
Vout
R1
240
1%
Vin
Vin
IAdj
IL
Figure 4. Load Regulation and DIAdj/Load Test Circuit
VO (min Load)
*Pulse Testing Required:
1% Duty Cycle is suggested.
LM317M
Vin
Vout
Adjust
R1
240
1%
+
1
mF
CO
RL
Cin
R2
1%
To Calculate R2:
Vout = ISET R2 + 1.250 V
Assume ISET = 5.25 mA
IL
IAdj
ISET
Vref
VO
VI
0.1
mF
Figure 5. Standard Test Circuit
LM317M
Vin
Vout
Vout = 10 V
RL
Cin
0.1
mF
Adjust
R1
240
1%
D1 *
1N4002
CO
+
1.0
mF
24V
14V
R2
1.65K
1%
CAdj
10
mF
+
*D1 Discharges CAdj if Output is Shorted to Ground.
**CAdj provides an AC ground to the adjust pin.
f = 120 Hz
VO
**
Figure 6. Ripple Rejection Test Circuit


유사한 부품 번호 - LM317MT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM317MT ONSEMI-LM317MT Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
STMicroelectronics
LM317MT STMICROELECTRONICS-LM317MT Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Fairchild Semiconductor
LM317MT FAIRCHILD-LM317MT Datasheet
224Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
logo
ON Semiconductor
LM317MT ONSEMI-LM317MT Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Fairchild Semiconductor
LM317MT FAIRCHILD-LM317MT Datasheet
247Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
More results

유사한 설명 - LM317MT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com