전자부품 데이터시트 검색엔진 |
|
MC100E137FNR2G 데이터시트(PDF) 8 Page - ON Semiconductor |
|
MC100E137FNR2G 데이터시트(HTML) 8 Page - ON Semiconductor |
8 / 9 page MC10E137, MC100E137 http://onsemi.com 8 PACKAGE DIMENSIONS PLCC−28 FN SUFFIX PLASTIC PLCC PACKAGE CASE 776−02 ISSUE E −N− −M− −L− V W D D Y BRK 28 1 VIEW S S L−M S 0.010 (0.250) N S T S L−M M 0.007 (0.180) N S T 0.004 (0.100) G1 G J C Z R E A SEATING PLANE S L−M M 0.007 (0.180) N S T −T− B S L−M S 0.010 (0.250) N S T S L−M M 0.007 (0.180) N S T U S L−M M 0.007 (0.180) N S T Z G1 X VIEW D−D S L−M M 0.007 (0.180) N S T K1 VIEW S H K F S L−M M 0.007 (0.180) N S T NOTES: 1. DATUMS −L−, −M−, AND −N− DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM −T−, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635). DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.485 0.495 12.32 12.57 B 0.485 0.495 12.32 12.57 C 0.165 0.180 4.20 4.57 E 0.090 0.110 2.29 2.79 F 0.013 0.019 0.33 0.48 G 0.050 BSC 1.27 BSC H 0.026 0.032 0.66 0.81 J 0.020 −−− 0.51 −−− K 0.025 −−− 0.64 −−− R 0.450 0.456 11.43 11.58 U 0.450 0.456 11.43 11.58 V 0.042 0.048 1.07 1.21 W 0.042 0.048 1.07 1.21 X 0.042 0.056 1.07 1.42 Y −−− 0.020 −−− 0.50 Z 2 10 2 10 G1 0.410 0.430 10.42 10.92 K1 0.040 −−− 1.02 −−− __ _ _ |
유사한 부품 번호 - MC100E137FNR2G |