전자부품 데이터시트 검색엔진 |
|
SN74AHCT00QDRQ1 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74AHCT00QDRQ1 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 9 page SN74AHCT00QQ1 QUADRUPLE 2INPUT POSITIVENAND GATE SGDS007B − MAY 1998 − REVISED APRIL 2008 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Qualified for Automotive Applications D Inputs Are TTL-Voltage Compatible D EPIC (Enhanced-Performance Implanted CMOS) Process D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015; Exceeds 200 V Using Machine Model (C = 200 pF, R = 0) description The SN74AHCT00Q performs the Boolean function Y = A • B or Y = A + B in positive logic. ORDERING INFORMATION{ TA PACKAGE‡ ORDERABLE PART NUMBER TOP-SIDE MARKING −40 °C to 125°C SOIC − D Tape and reel SN74AHCT00QDRQ1 AHCT00Q −40 °C to 125°C TSSOP − PW Tape and reel SN74AHCT00QPWRQ1 HB00Q † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at http://www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging. FUNCTION TABLE (each gate) INPUTS OUTPUT A B OUTPUT Y H H L L XH X L H logic symbol† 1 1A 2 1B 1Y 3 4 2A 5 2B 2Y 6 9 3A 10 3B 3Y 8 12 4A 13 4B 4Y 11 & † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y D OR PW PACKAGE (TOP VIEW) PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright 2008, Texas Instruments Incorporated EPIC is a trademark of Texas Instruments. |
유사한 부품 번호 - SN74AHCT00QDRQ1 |
|
유사한 설명 - SN74AHCT00QDRQ1 |