전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZW04-85B 데이터시트(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

부품명 BZW04-85B
상세설명  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
홈페이지  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BZW04-85B 데이터시트(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BZW04-85B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-85B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-85B Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-85B Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
5.8V-376V
40A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 400 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Transient Voltage Suppressors
MECHANICAL DATA
Case: DO-204AL, molded epoxy over passivated chip
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3
suffix meets JESD 201 class 2 whisker test
Note: BZW04-213(B) ~ BZW04-376(B) for commercial grade only
Polarity: For uni-directional types the color band
denotes cathode end, no marking on bi-directional
types
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
(3) VF = 3.5 V for BZW04P(-)188 and below; VF = 5.0 V for BZW04P(-)213 and above
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1) (Fig. 1)
PPPM
400
W
Peak pulse current with a 10/1000 µs waveform (1)
IPPM
See next table
A
Power dissipation on infinite heatsink at TL = 75 °C (Fig. 5)
PD
1.5
W
Peak forward surge current, 8.3 ms single half sine-wave uni-directional only (2)
IFSM
40
A
Maximum instantaneous forward voltage at 25 A for uni-directional only (3)
VF
3.5/5.0
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C
BZW04P-5V8 THRU BZW04-376


유사한 부품 번호 - BZW04-85B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BZW04-85B STMICROELECTRONICS-BZW04-85B Datasheet
130Kb / 6P
   TRANSIL
logo
Galaxy Semi-Conductor H...
BZW04-85B BILIN-BZW04-85B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-85B VISHAY-BZW04-85B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Taychipst Elec...
BZW04-85B TAYCHIPST-BZW04-85B Datasheet
3Mb / 3P
   Voltage regulator dides
logo
STMicroelectronics
BZW04-85B STMICROELECTRONICS-BZW04-85B Datasheet
124Kb / 6P
   TRANSIL
More results

유사한 설명 - BZW04-85B

제조업체부품명데이터시트상세설명
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com