전자부품 데이터시트 검색엔진 |
|
CAHCT1G125QDCKRQ1 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
CAHCT1G125QDCKRQ1 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 10 page SN74AHCT1G125-Q1 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 50% VCC 3 V 3 V 0 V 0 V th tsu VOLTAGE WAVEFORMS SETUP AND HOLD TIMES Data Input tPLH tPHL tPHL tPLH VOH VOH VOL VOL 3 V 0 V 50% VCC 50% VCC Input Out-of-Phase Output In-Phase Output Timing Input 50% VCC VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS Output Control Output Waveform 1 S1 at VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ ≈VCC 0 V 50% VCC VOL + 0.3 V 50% VCC ≈0 V 3 V VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open Drain Open VCC GND VCC TEST S1 3 V 0 V tw VOLTAGE WAVEFORMS PULSE DURATION Input NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns. D. The outputs are measured one at a time with one input transition per measurement. E. All parameters and waveforms are not applicable to all devices. From Output Under Test CL (see Note A) LOAD CIRCUIT FOR 3-STATE AND OPEN-DRAIN OUTPUTS S1 VCC RL = 1 kΩ GND From Output Under Test CL (see Note A) Test Point LOAD CIRCUIT FOR TOTEM-POLE OUTPUTS Open VOH − 0.3 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - CAHCT1G125QDCKRQ1 |
|
유사한 설명 - CAHCT1G125QDCKRQ1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |