전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EBVW020A0B 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 EBVW020A0B
상세설명  36-75Vdc Input; 12Vdc Output; 20A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBVW020A0B 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button EBVW020A0B Datasheet HTML 2Page - Vishay Siliconix EBVW020A0B Datasheet HTML 3Page - Vishay Siliconix EBVW020A0B Datasheet HTML 4Page - Vishay Siliconix EBVW020A0B Datasheet HTML 5Page - Vishay Siliconix EBVW020A0B Datasheet HTML 6Page - Vishay Siliconix EBVW020A0B Datasheet HTML 7Page - Vishay Siliconix EBVW020A0B Datasheet HTML 8Page - Vishay Siliconix EBVW020A0B Datasheet HTML 9Page - Vishay Siliconix EBVW020A0B Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
June 27, 2012
EBVW020A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 20A Output Current
LINEAGE POWER
6
Characteristic Curves (continued)
INPUT VOLTAGE, Vin (V)
INPUT VOLTAGE, Vin (V)
Figure 7. Typical Output Voltage Regulation vs. Input
Voltage at Room Temperature.
Figure 10. Typical Output Voltage Regulation vs.
Input Voltage for the –P Version at Room
Temperature.
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 8. Typical Output Voltage Regulation vs. Output
Current at Room Temperature.
Figure 11. Typical Output Voltage Regulation vs.
Output Current for the –P Version at Room
Temperature.
TIME, t (2
s/div)
Figure 9. Typical Output Ripple and Noise at Room
Temperature Io = Io,max and and COMin.
36 Vin
48 Vin
75 Vin


유사한 부품 번호 - EBVW020A0B

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B1Z LINEAGEPOWER-EBVW020A0B1Z Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41HZ LINEAGEPOWER-EBVW020A0B41HZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41PHZ LINEAGEPOWER-EBVW020A0B41PHZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41Z LINEAGEPOWER-EBVW020A0B41Z Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
More results

유사한 설명 - EBVW020A0B

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com