전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT46W 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 BAT46W
상세설명  ISL6844 Reference Design: ISL6844EVAL3Z
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

BAT46W 데이터시트(HTML) 3 Page - Intersil Corporation

  BAT46W Datasheet HTML 1Page - Intersil Corporation BAT46W Datasheet HTML 2Page - Intersil Corporation BAT46W Datasheet HTML 3Page - Intersil Corporation BAT46W Datasheet HTML 4Page - Intersil Corporation BAT46W Datasheet HTML 5Page - Intersil Corporation BAT46W Datasheet HTML 6Page - Intersil Corporation BAT46W Datasheet HTML 7Page - Intersil Corporation BAT46W Datasheet HTML 8Page - Intersil Corporation BAT46W Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Application Note 1612
3
AN1612.1
November 28, 2011
The RMS current through the MOSFET can be calculated from:
Selecting the conduction loss in the MOSFET to 1% of total output
power, 0.03W. The required MOSFET’s rDS(ON) to achieve the
required conduction loss is shown in Equation 10.
Vishay’s SI4436DY is selected in this design.
Output Diode Selection
Schottky diodes are recommended for the output diode due to
their low forward voltage drop. The voltage stress across the
output diode can calculated by:
Diodes Inc’s B180 are employed in this design.
Output Filter
The output capacitance needs to meet the ripple and noise
requirements, and also be able to handle the ripple current.
Assuming ceramic capacitors are used as the output filter, the
voltage ripple from the capacitor’s ESR is negligible. The
minimum capacitance required to meet specifications can be
approximately calculated from Equation 12.
10µF ceramic capacitors are selected for each output. Design
margin has been provided to account for noise spikes.
Snubber Circuit
When the MOSFET switches off, it interrupts the current that
flows through the transformer leakage inductance. An RCD
snubber circuit is typically used in flyback converters to clamp
voltage spikes on the MOSFET.
Assuming that the transformer leakage inductance is 2% of the
magnitizing inductance, the energy stored in the leakage
inductance during MOSFET’s on-time is:
Average power transferred to the snubber circuit is:
To limit peak voltage spikes across the MOSFET to 50V, the
snubber voltage is set to:
The average power transferred to the snubber circuit in
Equation 14 is dissipated by the snuuber resistor, so RS is
determined by:
So RS = 10kΩ is selected. Cs is selected such that the RSCS time
constant is substantially longer than the switching period to keep
low ripple voltage on the snubber circuit. A time constant of 10
times the switching period is used for calculation:
CS = 3.33nF is used in the design.
Feedback Network
The feedback is being tapped off of the primary auxiliary
winding. This is one of the advantages of selecting the flyback
topology, since the auxiliary winding voltage follows the output.
This scheme was fully exploited, since the load fluctuation is
minimal, and that load regulation does not suffer much at these
power levels. For tighter regulation requirements, an
opto-coupled solution would need to be used, which leads to
additional cost.
Referring to the schematic on page 8, the output voltage can be
set by:
R23 = 1kΩ and R22 = 5.23kΩ are selected.
The control-to-output transfer function of the DCM flyback
converter is [1]:
Where:
RE = Equivalent load resistor reflected to the auxiliary output.
I
rms FET
,
I
pk
d
3
---
=
(EQ. 9)
1.06
0.35
3
-----------
0.362A
=
=
r
DS ON
()
P
FET cond loss
,
I
FET rms
,
2
-------------------------------------------
=
(EQ. 10)
0.03
0.362
2
------------------
0.229
Ω
=
=
V
Diode
nV
×
=
IN MAX
,
V
OUT
+
(EQ. 11)
1
26.4
×
15
41.4V
=
+
=
C
OUT
ΔV
PP
2
---------------
1d
2
() T
SW
I
OUT
-------------------------------------
>
(EQ. 12)
0.42
μF
>
50
3
×10
2
----------------------
10.5
()
0.1 300
3
×10
-----------------------------------
>
W
L
1
2
--- L
L ILM
2
⋅⋅
=
(EQ. 13)
1
2
--- 0.02 23.8
6
×10
1.06
()2
⋅⋅
267.4nJ
=
=
P
L
W
L FSW
=
(EQ. 14)
267.4
9
×10
300
3
×10
0.08W
=
=
V
S
peakV
MOSFET
V
IN MIN
,
=
(EQ. 15)
50
21.6
28.4V
=
=
R
S
V
S
2
P
l
-------
=
(EQ. 16)
28.4
2
0.08
--------------
10.08k
Ω
=
=
C
S
10
T
SW
R
S
------------
(EQ. 17)
10
=
3.33
6
×10
10
3
×10
---------------------------
3.33nF
=
R
22
R
23
----------
V
OUT
V
F
+
V
ref
-----------------------------
1
=
(EQ. 18)
15
0.6
+
2.514
---------------------
15.2
=
=
G
vc
K
R
E LM FSW
⋅⋅
2
-------------------------------------
1s ESR C
⋅⋅
+
1s 0.5 R
E CE
⋅⋅
+
()
-------------------------------------------------------
⋅⋅
=
(EQ. 19)


유사한 부품 번호 - BAT46W

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BAT46W STMICROELECTRONICS-BAT46W Datasheet
53Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Diotec Semiconductor
BAT46W DIOTEC-BAT46W Datasheet
105Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
277Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT46W DIODES-BAT46W Datasheet
65Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 4 - 2
logo
Micro Commercial Compon...
BAT46W MCC-BAT46W Datasheet
229Kb / 3P
   200mW Schottky Diode 100 Volts High breakdown Voltage
More results

유사한 설명 - BAT46W

제조업체부품명데이터시트상세설명
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_12 Datasheet
2Mb / 46P
   Energy Meter Reference Design
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com