전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3259E 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL3259E
상세설명  World?셲 Most Power-Effi cient
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3259E 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL3259E Datasheet HTML 1Page - Intersil Corporation ISL3259E Datasheet HTML 2Page - Intersil Corporation ISL3259E Datasheet HTML 3Page - Intersil Corporation ISL3259E Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.1μF
ISL3159E
ISL3159E
ISL3179E
10 Ld DFN
3mm
3mm
Also available in
SOIC and MSOP
Fast data rate of 40Mbps for high speed factory
automation applications.
ISL3259E
10 Ld DFN
3mm
3mm
Also available in
SOIC and MSOP
Ultra-fast data rate of 100Mbps enables precise control
of motor positioning in factory automation.
5V (ISL3159E)
Extended VOD
Performance (>2.1V)
(ISL3159E)
5V
125°C Operation
40Mbps
Data Rate
IEC61000 ESD
Protection
100Mbps
Data Rate
IEC61000 ESD
Protection
3.3V (ISL3179E)
Extended VOD
Performance (>2.1V)
RT
+5V
+
8
VCC
5
GND
1
2
3
4
7
6
R
D
RO
RE
DE
DI
B/Z
A/Y
Large Output Voltage (2.1V)
For enhanced noise immunity.
www
The Evolution of Analog
Intersil Interface Products
50%
Smaller
45%
Smaller
8 Ld SOIC
Actual Size
(6.2mm x 5mm)
8 Ld MSOP
Actual Size
(5.05mm x 3.05mm)
10 Ld DFN
Actual Size
(3mm x 3mm)
World’s Fastest RS-485/RS-422 Transceiver
Gives Best-in-Class ESD Protecion
RS-485/RS-422 - 40Mbps to 100Mbps
Device
# of Tx /
# of Rx
Devices
Allowed on
Bus
Half/Full
Duplex
High ESD
Hot Plug
Data Rate
(Mbps)
Slew Rate
Limited
Tx/Rx
Enable
IS EN/DIS
(μA)
SHDN ICC
(μA)
VCC Range
(+V)
Package
ISL3159E
1/1
160
Half
Yes-
IEC61000
Yes
40
No
Yes
2600/2600
<1
4.5 to 5.5
10 Ld DFN,
8 Ld MSOP, 8 Ld SOIC
ISL3179E
1/1
160
Half
Yes-
IEC61000
Yes
40
No
Yes
2600/2600
<1
3.0 to 3.6
10 Ld DFN,
8 Ld MSOP, 8 Ld SOIC
ISL3180E
1/1
160
Full
Yes
Yes
40
No
Yes
2600/2600
<1
3.0 to 3.6 14 Ld SOIC
ISL3259E
1/1
160
Half
Yes-
IEC61000
Yes
100
No
Yes
2600/2600
<1
4.5 to 5.5
10 Ld DFN,
8 Ld MSOP, 8 Ld SOIC
Space-saving Small Package
Full Fail-Safe Rx
Predictable performance
when bus faults occur.
High Rx output drive
eases opto-isolator
design.
LC-046.2 Printed in USA 7/08 © 2008 Intersil Americas Inc. All Rights Reserved. The following are trademarks
or registered trademarks of Intersil Americas Inc.: Intersil, Intersil logo, “i” and Design. All other trademarks are
the property of the respective trademark owners.
IEC61000 ESD Protection;
15kV Air Gap and 8kV
Contact Discharge
Maximum robustness on I/O
pins that are exposed via a
connector.
ISL3159E/ISL3179E
ISL3259E


유사한 부품 번호 - ISL3259E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3259E RENESAS-ISL3259E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
671Kb / 16P
   15kV ESD Protected, 100Mbps, 5V, PROFIBUS, Full Fail-safe, Transceivers
February 18, 2008
More results

유사한 설명 - ISL3259E

제조업체부품명데이터시트상세설명
logo
Schneider Electric
XS618B1MAL2 SCHNEIDER-XS618B1MAL2 Datasheet
1Mb / 33P
   Helping you to fi nd the most effi cient solution
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
List of Unclassifed Man...
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
NXP Semiconductors
TEA1522 NXP-TEA1522 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com