전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL23328 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL23328
상세설명  Intersil?셲 Solutions for Industrial Process Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23328 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL23328 Datasheet HTML 4Page - Intersil Corporation ISL23328 Datasheet HTML 5Page - Intersil Corporation ISL23328 Datasheet HTML 6Page - Intersil Corporation ISL23328 Datasheet HTML 7Page - Intersil Corporation ISL23328 Datasheet HTML 8Page - Intersil Corporation ISL23328 Datasheet HTML 9Page - Intersil Corporation ISL23328 Datasheet HTML 10Page - Intersil Corporation ISL23328 Datasheet HTML 11Page - Intersil Corporation ISL23328 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
PLC
8 | www.intersil.com/industrial_process_control
High Output Voltage and 0-20mA Current Loop
DAC
IOUT
4 - 20mA
Current Loop
DAC
DAC
VOUT
Dual Supply
High Impedance
±4.5V to ±20V
VOUT
Single Supply
Rail-Rail
Below V- to +40V
VSupply
ISL28208
ISL28217
ISL28210
ISL28218
ISL28208
VREF
ISL21090
ISL21009
• Wide Operating Voltage Range
to ±20V or to 40V.
• Low Power, Low Noise
High Voltage Precision Op Amps
• Low Bias Current Cancellation
Performance Over Temperature
• Fast Slew: 20V/µs
JFET-input Precision Op Amps
• Rail-Rail Outputs
Single Supply, High Voltage
Precision Op Amps
• Operates -0.5V Below V-
High Accuracy
• 0.02% Initial Accuracy
• 3ppm, 7ppm Temp Co
• 20ppm Long Term Drift
Low Noise
• 1.9µV peak-peak
(0.1H to 10Hz)
Analog Input
Analog Output
Control
Sensors
Power
Power
Analog
Vin = 8V to 37V
Vout = 40V
Typical Application : Wide Vin Boost Converter
OUT
CS
RTCT
FB
COMP
VREF
VDD
GND
• Accurate Voltage Reference
• Fast Transient Response
Flexible Singled Ended Current
Mode Controller


유사한 부품 번호 - ISL23328

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328 INTERSIL-ISL23328 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328TFRUZ-T7A INTERSIL-ISL23328TFRUZ-T7A Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFRUZ-T7A INTERSIL-ISL23328TFRUZ-T7A Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
More results

유사한 설명 - ISL23328

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com