전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14013B 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC14013B
상세설명  Dual Type D Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14013B 데이터시트(HTML) 5 Page - ON Semiconductor

  MC14013B_12 Datasheet HTML 1Page - ON Semiconductor MC14013B_12 Datasheet HTML 2Page - ON Semiconductor MC14013B_12 Datasheet HTML 3Page - ON Semiconductor MC14013B_12 Datasheet HTML 4Page - ON Semiconductor MC14013B_12 Datasheet HTML 5Page - ON Semiconductor MC14013B_12 Datasheet HTML 6Page - ON Semiconductor MC14013B_12 Datasheet HTML 7Page - ON Semiconductor MC14013B_12 Datasheet HTML 8Page - ON Semiconductor MC14013B_12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC14013B
http://onsemi.com
5
Figure 1. Dynamic Signal Waveforms
(Data, Clock, and Output)
Figure 2. Dynamic Signal Waveforms
(Set, Reset, Clock, and Output)
20 ns
20 ns
D
C
Q
90%
50%
10%
tsu (H)
tsu (L)
th
tWH
tWL
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
tTLH
tTHL
tPHL
tPLH
90%
50%
10%
Inputs R and S low.
1
fcl
20 ns
20 ns
SET OR
RESET
CLOCK
Q OR Q
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
20 ns
20 ns
trem
90%
50%
10%
50%
tPLH
tPHL
tw
20 ns
tw
TYPICAL APPLICATIONS
n−STAGE SHIFT REGISTER
BINARY RIPPLE UP−COUNTER (Divide−by−2n
)
MODIFIED RING COUNTER (Divide−by−(n+1))
D
CLOCK
nth
2
1
Q
D
C
Q
Q
D
C
Q
Q
D
C
Q
Q
CLOCK
nth
2
1
D
C
Q
Q
D
C
Q
Q
D
C
Q
Q
Q
T FLIP-FLOP
nth
2
1
Q
D
C
Q
Q
D
C
Q
Q
D
C
Q
Q
CLOCK


유사한 부품 번호 - MC14013B_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B_14 Datasheet
129Kb / 8P
   Dual Type D Flip-Flop
July, 2014 ??Rev. 10
More results

유사한 설명 - MC14013B_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com