전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA2546Q 데이터시트(PDF) 2 Page - Sony Corporation

부품명 CXA2546Q
상세설명  3-band Electronic Volume
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2546Q 데이터시트(HTML) 2 Page - Sony Corporation

  CXA2546Q Datasheet HTML 1Page - Sony Corporation CXA2546Q Datasheet HTML 2Page - Sony Corporation CXA2546Q Datasheet HTML 3Page - Sony Corporation CXA2546Q Datasheet HTML 4Page - Sony Corporation CXA2546Q Datasheet HTML 5Page - Sony Corporation CXA2546Q Datasheet HTML 6Page - Sony Corporation CXA2546Q Datasheet HTML 7Page - Sony Corporation CXA2546Q Datasheet HTML 8Page - Sony Corporation CXA2546Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
—2—
CXA2546Q
Block Diagram and Pin Configuration
LOUD
FNTO1
REO1
CE
CLK
DGND
GND
VCC
VCT
DATA
TIMER
REO2
FNTO2
GAIN12
GAIN11
IN14
IN13
IN12
IN11
IN21
IN22
IN23
IN24
GAIN21
GAIN22
VOLUME
2dB STEP
LOUD
VOLUME
1dB STEP
TONE
FADER
48
45
44
43
42
41
40
39
38
37
47
46
VOLUME
2dB STEP
VOLUME
1dB STEP
TONE
FADER
LOUD
36
35
34
33
32
31
30
29
28
27
26
25
VCTBUFF
VCTBUFF
VCTBUFF
LATCH
LATCH
CONTROL
SHIFT REGISTER
VCTBUFF
VCTBUFF
VCTBUFF
ZCDET
VOL
ZCDET
VOL
ZCDET
1
2
3
4
5
6
7
8
9
10
11
12
22
21
20
19
18
17
16
15
14
23
13
24


유사한 부품 번호 - CXA2546Q

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540 CREE-CXA2540 Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U20E8 CREE-CXA2540-0000-000N00U20E8 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

유사한 설명 - CXA2546Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2547Q SONY-CXA2547Q Datasheet
261Kb / 19P
   2-band Electronic Volume
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
   Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com