전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA2547Q 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA2547Q
상세설명  2-band Electronic Volume
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2547Q 데이터시트(HTML) 1 Page - Sony Corporation

  CXA2547Q Datasheet HTML 1Page - Sony Corporation CXA2547Q Datasheet HTML 2Page - Sony Corporation CXA2547Q Datasheet HTML 3Page - Sony Corporation CXA2547Q Datasheet HTML 4Page - Sony Corporation CXA2547Q Datasheet HTML 5Page - Sony Corporation CXA2547Q Datasheet HTML 6Page - Sony Corporation CXA2547Q Datasheet HTML 7Page - Sony Corporation CXA2547Q Datasheet HTML 8Page - Sony Corporation CXA2547Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
—1—
E97Y19B91-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
13
V
• Operating temperature
Topr
–40 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
350
mW
(Ta=85 °C)
Recommended Operating Conditions
Supply voltage
VCC
7 to 12
V
Description
The CXA2547Q is a 2-channel electronic volume
IC. A 34-bit serial data input controls the level and
characteristics of the output signal. It may be used
in car stereos and general audio systems.
Features
• Loudness
• Volume control
(from 0 dB to –80 dB, –
∞ dB : Fine (1 dB-step)
Coarse (8 dB-step)
• Balance
• Tone control
(2-band, 2 dB-step from –15 dB to +15 dB)
• Fader
2 dB-step to –20 dB, –25 dB, –35 dB, –45 dB, –60
dB, –
∞ dB)
• Input and gain selector (4 channels)
• Serial data control (DATA, CLK, CE)
• Single 8 V power supply
• Zero-cross detection circuit
(L/R independent operation for the volume block)
• Timer
• Power-off mute
• Countermeasure to the noise of the portable
telephone
Structure
Bipolar silicon monolithic IC
2-band Electronic Volume
48 pin QFP (Plastic)
CXA2547Q
For the availability of this product, please contact the sales office.


유사한 부품 번호 - CXA2547Q

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540 CREE-CXA2540 Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U20E8 CREE-CXA2540-0000-000N00U20E8 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

유사한 설명 - CXA2547Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2546Q SONY-CXA2546Q Datasheet
268Kb / 19P
   3-band Electronic Volume
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
   2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Sony Corporation
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
   Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com