전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA2556Q 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA2556Q
상세설명  RF Amplifier for CD Player/CD-ROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2556Q 데이터시트(HTML) 1 Page - Sony Corporation

  CXA2556Q Datasheet HTML 1Page - Sony Corporation CXA2556Q Datasheet HTML 2Page - Sony Corporation CXA2556Q Datasheet HTML 3Page - Sony Corporation CXA2556Q Datasheet HTML 4Page - Sony Corporation CXA2556Q Datasheet HTML 5Page - Sony Corporation CXA2556Q Datasheet HTML 6Page - Sony Corporation CXA2556Q Datasheet HTML 7Page - Sony Corporation CXA2556Q Datasheet HTML 8Page - Sony Corporation CXA2556Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
– 1 –
CXA2556Q
E96731B76
RF Amplifier for CD Player/CD-ROM
Description
The CXA2556Q is an IC for RF signal processing of
CD player and CD-ROM.
Features
• Wide-band RF AC amplifier
(RF AC signal fc
≥ 20MHz)
• 4-mode RF equalizer (active filter type)
• RF equalizer boost amount and cut-off frequency
adjustable
• EFM time constant adjustable (switching function
provided)
• Peak hold time constant of mirror circuit adjustable
• Tracking error amplifier cut-off frequency adjustable
• Tracking error amplifier voltage gain adjustable
• APC (Automatic Power Control) function
• APC ON/OFF control
Absolute Maximum Ratings
• Supply voltage
VCC
7V
• Storage temperature
Tstg
–65 to +150
°C
• Power consumption
PD
800
mW
Operating Conditions
• Supply voltage
VCC – GND 3.0 to 5.5
V
• Operating temperature Topr
–20 to +75 °C
Applications
• CD players
• CD-ROM drives
Functions
• RF summing amplifier
• RF equalizer
• Focus error amplifier
• Tracking error amplifier
• Mirror detection function
• APC circuit
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
32 pin QFP (Plastic)
For the availability of this product, please contact the sales office.


유사한 부품 번호 - CXA2556Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2550N SONY-CXA2550N Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2557 SONY-CXA2557 Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
CXA2557R SONY-CXA2557R Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
More results

유사한 설명 - CXA2556Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2557R SONY-CXA2557R Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
CXA2525AM SONY-CXA2525AM Datasheet
269Kb / 13P
   RF Amplifier for CD Player and CD-ROM
CXA2521AQ SONY-CXA2521AQ Datasheet
341Kb / 17P
   RF AMPLIFIER FOR CD PLAYER AND CD-ROM
CXA2515AM SONY-CXA2515AM Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
STMicroelectronics
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
   DSP/MCU system for CD-DA, CD-CA, CD-ROM player
logo
Panasonic Semiconductor
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
MN662785TBUC PANASONIC-MN662785TBUC Datasheet
1Mb / 89P
   LSI FOR COMPACT DISC/CD ROM PLAYER
logo
Sony Corporation
CXA1372BQ SONY-CXA1372BQ Datasheet
710Kb / 32P
   RF Signal Processing Servo Amplifier for CD Player
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com