전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

01364.70.01 데이터시트(PDF) 1 Page - General Cable Technologies Corporation

부품명 01364.70.01
부품 상세설명  Carolprene® Jacketed Type SJOOW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENERAL [General Cable Technologies Corporation]
홈페이지  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

01364.70.01 데이터시트(HTML) 1 Page - General Cable Technologies Corporation

  01364.70.01 Datasheet HTML 1Page - General Cable Technologies Corporation 01364.70.01 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rubber Cord
13
Cord & Cordset
Product Construction:
Conductors:
• 18through10AWGfullyannealedstranded
bare copper per ASTM B-174
Insulation:
• Premium-grade,color-coded90ºCEPDM
• Colorcode:Seechartbelow
Jacket:
• Carolprene®, black
• Temperaturerange:-40ºCto+90ºC
Jacket Marking:
• CAROL(SIZE)(mm2) 90°C (UL) WATER
RESISTANT SJOOW CSA (-40°C) FT-2
P-7K-123033MSHA300VOLTRoHS
MADEINUSA
Applications:
• Portabletoolsandequipment
• Portableappliances
• Smallmotorsandassociatedmachinery
Features:
• Excellentresistancetooilandmoisture
• Goodtensilestrength,elongationandaging
characteristics
• Highflexibility
• Excellentabrasionresistance
• Water-resistant
• ULListedandCSACertifiedforindoorand
outdoor use
• Ozone-sunlight(UV)-andweather-resistant
Industry Approvals:
• ULFlexibleCord-ULSubject62
• CSAFlexibleCord-C22.2-49
• MSHAApproved
• RoHSCompliant
Packaging:
• 250'(76.2m),500'(152.4m),
1000'(304.8m)
• Otherput-upsavailableonspecialorder
TYPE SJOOW – 300 VOLT – UL/CSA
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D. CURRENT
AMPS
APPROX.
NET WT.
LBS/M'(S)
STD.
CTN.
INCHES
mm INCHES
mm
01310
2
18
16/30
0.030
0.76 0.285
7.24
10
51
1000'
01311
3
18
16/30
0.030
0.76 0.305
7.75
10
63
1000'
01344
4
18
16/30
0.030
0.76 0.330
8.38
7
76
250'
01312
2
16
26/30
0.030
0.76 0.310
7.87
13
60
1000'
01342
3
16
26/30
0.030
0.76 0.330
8.38
13
76
250'
01343
4
16
26/30
0.030
0.76 0.365
9.27
10
95
250'
01358
2
14
41/30
0.030
0.76 0.340
8.64
18
79
250'
01360
3
14
41/30
0.030
0.76 0.370
9.40
18
106
250'
01364
4
14
41/30
0.030
0.76 0.410 10.41
15
121
250'
01379
2
12
65/30
0.030
0.76 0.410 10.41
25
117
250'
01380
3
12
65/30
0.030
0.76 0.430 10.92
25
146
250'
01381
4
12
65/30
0.030
0.76 0.475 12.07
20
185
250'
01382*
2
10
104/30
0.045
1.14 0.560 14.22
30
210
250'
01383
3
10
104/30
0.045
1.14 0.580 14.73
30
242
250'
01384
4
10
104/30
0.045
1.14 0.655 16.64
25
304
250'
Cord furnished with UL and CSA labels.
* Non-stock item; minimum quantity purchase required.
† Green conductor for grounding only. Ampacities based on NEC table 400.5(A).
(S)
Actual shipping weight may vary.
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
2
Black, White
3
Black, White, Green
4
Black, White, Red, Green
Carolprene® Jacketed Type SJOOW
90ºC300VoltUL/CSAPortableCord


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn