전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3003R 데이터시트(PDF) 11 Page - Sony Corporation

부품명 CXA3003R
상세설명  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R 데이터시트(HTML) 11 Page - Sony Corporation

Back Button CXA3003R Datasheet HTML 7Page - Sony Corporation CXA3003R Datasheet HTML 8Page - Sony Corporation CXA3003R Datasheet HTML 9Page - Sony Corporation CXA3003R Datasheet HTML 10Page - Sony Corporation CXA3003R Datasheet HTML 11Page - Sony Corporation CXA3003R Datasheet HTML 12Page - Sony Corporation CXA3003R Datasheet HTML 13Page - Sony Corporation CXA3003R Datasheet HTML 14Page - Sony Corporation CXA3003R Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
—11—
CXA3003R
Electrical Characteristics
DC Characteristics
(VDD=3.3 V±5 %, Ta=40 °C to 85 °C)
Item
Power supply current - CDMA RXTX
Power supply current - CDMA Idle
Power supply current - CDMA sleep
Power supply current - FM RXTX
Power supply current - FM Idle
Logic High level input voltage
Logic Low level input voltage
Logic High level output voltage
Logic Low level output voltage
Logic input Leakage current
Input capacitance Digital input
Load capacitance Digital output
Load resistance Digital output
Symbol
IDD1
IDD2
IDD3
IDD4
IDD5
VIH
VIL
VOH
VOL
IL
Cin-d
Cl-d
Rl-d
Condition
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
Min.
Typ.
Max.
Unit
40
57
25
35
23
mA
30
45
16
21
0.7xVDD
0.3xVDD
V
2.7
0.4
–100
100
µA
15
pF
15
100 k
∗1 : Logic Input pins = 40, 41, 42, 43, 44, 45, 46, 47, 48, 49, 61, 62, 75, 77, 78, 79
Logic Output pins =52, 53, 54, 55, 56, 57, 58, 59, 60, 63, 64, 73, 74
AC Characteristics
TXCLK/TXCLKB vs. TXIQDATA for CDMA mode
VDD=3.3 V±5 %, Ta=–40 °C to 85 °C
Item
Data Setup to TXCLK/TXCLKB
Transition
Data Hold after TXCLK/TXCLKB
Transition
Symbol
tsua
tha
Condition
Min.
Typ.
Max.
Unit
50
ns
50
tsua
tha
TXQ Data
TXI Data
TXCLK
(input)
TXCLKB
(input)
TXQDATA
(input)
TXCLK=4.9152MHz
Fig. 1 TXCLK/TXCLKB vs. TXIQDATA Timing Diagram for CDMA mode
CHIPx8 vs. RXIQDATA
VDD=3.3 V±5 %, Ta=–40 °C to 85 °C
Item
Data Output stable prior to CHIPx8 fall
Data Hold after CHIPx8 fall
CHIPx8 raise time
CHIPx8 fall time
Symbol
tsub
thb
trb
tfb
Condition
10 % to 90 %, Cload=15 pF
Min.
Typ.
Max.
Unit
20
15
ns
3
7.2
3
9.9


유사한 부품 번호 - CXA3003R

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
CXA3008N-2 SONY-CXA3008N-2 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
More results

유사한 설명 - CXA3003R

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CX20529 ETC-CX20529 Datasheet
601Kb / 2P
   CDMA/FM/ GPS BASEBAND ANALOG PROCESSOR
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
Skyworks Solutions Inc.
CX20470 SKYWORKS-CX20470 Datasheet
211Kb / 18P
   CDMA Baseband Analog Processor
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
logo
Rohm
BH6941KN ROHM-BH6941KN Datasheet
375Kb / 6P
   LED Driver IC for Cellular Phone
logo
Zarlink Semiconductor I...
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Mitel Networks Corporat...
PLUTO MITEL-PLUTO Datasheet
139Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com