전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3010Q 데이터시트(PDF) 3 Page - Sony Corporation

부품명 CXA3010Q
상세설명  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3010Q 데이터시트(HTML) 3 Page - Sony Corporation

  CXA3010Q Datasheet HTML 1Page - Sony Corporation CXA3010Q Datasheet HTML 2Page - Sony Corporation CXA3010Q Datasheet HTML 3Page - Sony Corporation CXA3010Q Datasheet HTML 4Page - Sony Corporation CXA3010Q Datasheet HTML 5Page - Sony Corporation CXA3010Q Datasheet HTML 6Page - Sony Corporation CXA3010Q Datasheet HTML 7Page - Sony Corporation CXA3010Q Datasheet HTML 8Page - Sony Corporation CXA3010Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
– 3 –
CXA3010Q
Pin Description
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
1
POWER
ON
Reduced voltage detection output.
This is an open collector pin that outputs a
low signal when VCC is below the specified
value.
VCC
A.GND
100k
1
2
XWD
Write data input.
This pin is a Schmitt-type input that is
triggered when the logical voltage goes from
High to Low.
VCC
1k
A.GND
2.3V
2
3
RD
4
XCI
5
XWG
6
XEG
7
XS1
8
OTF
9
XHD
Read data output.
This pin is active when the logical voltage of
the write gate signal and the erase gate
signal is High.
Write current control. The write current
increases when the logical voltage is Low.
Write gate signal input. The write system
becomes active when the logical voltage is
Low.
Erase gate signal input. The erase system
becomes active when the logical voltage is
Low.
Head side switching signal input. The
HEAD1 system is active when the logical
voltage is Low, and the HEAD0 system is
active when the logical voltage is High, but
only when the logical voltage for the write
gate and the erase gate is High.
Filter inner track/outer track mode control.
Inner track mode is selected when the
logical voltage is Low.
Filter, time domain filter and write current
1M/2M mode control. 2M mode is selected
when the logical voltage is Low.
140
VCC
D.GND
3
VCC
100k
1k
A.GND
2.1V
4
5
6
7
8
9


유사한 부품 번호 - CXA3010Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
More results

유사한 설명 - CXA3010Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com