전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3026Q 데이터시트(PDF) 9 Page - Sony Corporation

부품명 CXA3026Q
상세설명  8-bit 120MSPS Flash A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3026Q 데이터시트(HTML) 9 Page - Sony Corporation

Back Button CXA3026Q Datasheet HTML 5Page - Sony Corporation CXA3026Q Datasheet HTML 6Page - Sony Corporation CXA3026Q Datasheet HTML 7Page - Sony Corporation CXA3026Q Datasheet HTML 8Page - Sony Corporation CXA3026Q Datasheet HTML 9Page - Sony Corporation CXA3026Q Datasheet HTML 10Page - Sony Corporation CXA3026Q Datasheet HTML 11Page - Sony Corporation CXA3026Q Datasheet HTML 12Page - Sony Corporation CXA3026Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
– 9 –
CXA3026Q
Electrical Characteristics Measurement Circuit
Current Consumption Measurement Circuit
VRT
VIN
VRB
AVCC
DVCC1
DVCC2
DGND3
DGND2
DGND1
AGND
CLK/E
DVEE3
5MHz PECL
4V
1.95V
2V
5V
5V
Icc
IEE
Integral Linearity Error Measurement Circuit
Differential Linearity Error Measurement Circuit
CXA3026Q
A < B A > B
Comparator
A8
to
A1
A0
B8
to
B1
B0
Buffer
Controller
DVM
8
8
“1”
“0”
000···00
to
111···10
VIN
+V
–V
S2
S1
S1: ON when A < B
S2: ON when A > B
Sampling Delay Measurement Circuit
Aperture Jitter Measurement Circuit
CXA3026Q
OSC1
φ: Variable
OSC2
Logic
Analizer
100MHz
100MHz
Amp
ECL
Buffer
CLK
VIN
8
fr
1024
samples
Aperture Jitter Measurement Method
VIN
CLK
VIN
CLK
VRT
VRM2
VRB
129
128
127
126
125
Sampling timing fluctuation
(= aperture jitter)
σ (LSB)
∆υ
∆ t
Error Rate Measurement Circuit
Comparator
A > B
Pulse
Counter
CXA3026Q
Signal
Source
Latch
Latch
1/8
+
Signal
Source
Fc
4
–1kHz
2Vp-p Sin Wave
Fc
VIN
CLK
CLK
8
16LSB
A
B
Where
σ (LSB) is the deviation of the output codes when
the largest slew rate point is sampled at the clock which
has exactly the same frequency as the analog input
signal, the aperture jitter Taj is:
Taj =
σ/
=
σ/ (
)
∆t
∆υ
2
256 × 2πf


유사한 부품 번호 - CXA3026Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results

유사한 설명 - CXA3026Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
logo
Sony Corporation
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com