전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3067M 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA3067M
상세설명  Wide Band FSK Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3067M 데이터시트(HTML) 1 Page - Sony Corporation

  CXA3067M Datasheet HTML 1Page - Sony Corporation CXA3067M Datasheet HTML 2Page - Sony Corporation CXA3067M Datasheet HTML 3Page - Sony Corporation CXA3067M Datasheet HTML 4Page - Sony Corporation CXA3067M Datasheet HTML 5Page - Sony Corporation CXA3067M Datasheet HTML 6Page - Sony Corporation CXA3067M Datasheet HTML 7Page - Sony Corporation CXA3067M Datasheet HTML 8Page - Sony Corporation CXA3067M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
—1—
E97657A89-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
–0.3 to +5.5
V
• Storage temperature
Tstg
–55 to +150
°C
Operating Conditions
• Supply voltage
VCC
4.75 to 5.3
V
• Operating temperature
Topr
–25 to +75
°C
Description
The CXA3067M is an integrated circuit designed
for CATV wide band FSK receiver. This monolithic
IC is composed of local oscillator, double balanced
mixer, limiter, FM detector, data shaper and PLL
circuit in a single chip.
Features
• Built in PLL
• 3 bits 3 states frequency selection
• Applied for 4 reference frequency
(7.15625/7.15909/14.3125/14.31818 MHz)
• Compatible with external reference clock and X’tal
oscillator
• Balanced oscillator and double balanced mixer for
low L.O. leakage
• Low power consumption
• SOP 30 pin package
Function
• Oscillator
• Mixer
• PLL
• Limiter
• FSK detector
• Data shaper
Applications
FSK receiver for CATV
Structure
Bipolar silicon monolithic IC
Wide Band FSK Receiver
30 pin SOP (Plastic)
CXA3067M


유사한 부품 번호 - CXA3067M

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
More results

유사한 설명 - CXA3067M

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
List of Unclassifed Man...
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
List of Unclassifed Man...
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com