전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3086 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA3086
상세설명  6-bit 140MSPS Flash A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3086 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA3086 Datasheet HTML 6Page - Sony Corporation CXA3086 Datasheet HTML 7Page - Sony Corporation CXA3086 Datasheet HTML 8Page - Sony Corporation CXA3086 Datasheet HTML 9Page - Sony Corporation CXA3086 Datasheet HTML 10Page - Sony Corporation CXA3086 Datasheet HTML 11Page - Sony Corporation CXA3086 Datasheet HTML 12Page - Sony Corporation CXA3086 Datasheet HTML 13Page - Sony Corporation CXA3086 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
– 10 –
CXA3086Q
Description of Operating Modes
The CXA3086Q has two types of operating modes which are selected with Pin 41 (SELECT).
1. DMUX mode (See Application Circuits (1), (2) and (3).)
Set the SELECT pin to Vcc for this mode. In this mode, the clock frequency is divided by 2 in the IC, and the
data is output after being demultiplexed by this 1/2 frequency divided clock. The 1/2 frequency divided clock,
which has adequate setup time and hold time for the output data, is output from the CLKOUT pin.
When resetting this 1/2 frequency divided clock, the low level of the RESET signal should be input to the
RESETN pin (Pin 10 or 12). The RESET signal requires the setup time (T_rs
≥ 3.5ns) and hold time (T_rh ≥
0ns) to the clock rising edge because it is synchronized with and taken in the clock. Therefore, set the RESET
signal to low for T_rs (min.) + T_rh (min.) = 3.5ns or longer to the clock rising edge.
The reset period can be extended by making the low level period of the RESET signal longer because the
clock output pin is fixed to low (reset) during the low level period at the clock rising edge. If the reset start
timing is regarded as not important, the timing where the RESET signal is set from high to low is not so
consequence. However, when the reset is released this timing must become significant because the timing is
used to commence the 1/2 frequency divided clock. In this case, the setup time (T_rs) is also necessary.
See the timing chart for detail. (This chart shows the example of reset for 2T.)
The A/D converter can operate at FC (min.) = 140MSPS in this mode.
Table 2. Operating Mode Table
SELECT
VCC
GND
DMUX mode
Straight mode
140MSPS
100MSPS
Demultiplexed output
70Mbps
Straight output
100Mbps
The input clock is 1/2 frequency divided
and output.
70MHz
The input clock is inverted and output.
100MHz
Operating
mode
Maximum
conversion rate
Data output
Clock output


유사한 부품 번호 - CXA3086

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

유사한 설명 - CXA3086

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
HI-5701 INTERSIL-HI-5701 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com