전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3092N 데이터시트(PDF) 11 Page - Sony Corporation

부품명 CXA3092N
상세설명  4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3092N 데이터시트(HTML) 11 Page - Sony Corporation

Back Button CXA3092N Datasheet HTML 7Page - Sony Corporation CXA3092N Datasheet HTML 8Page - Sony Corporation CXA3092N Datasheet HTML 9Page - Sony Corporation CXA3092N Datasheet HTML 10Page - Sony Corporation CXA3092N Datasheet HTML 11Page - Sony Corporation CXA3092N Datasheet HTML 12Page - Sony Corporation CXA3092N Datasheet HTML 13Page - Sony Corporation CXA3092N Datasheet HTML 14Page - Sony Corporation CXA3092N Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
—11—
CXA3092N
Timing Chart 1
50%
50%
TRW
TWR 2
10%
10%
TWR1
90%
WDX
WDY
IWX
IWY
RDX
RDY
90%
90%
R/W
50%
90%
TIR
PS
Fig. 3
Fig. 4
Timing Chart 2
TPD
90%
90%
90%
10%
10%
TR
TF
50%
TSA2
TSA1
50%
WDX
WDY
IWX
IWY
WUS


유사한 부품 번호 - CXA3092N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
More results

유사한 설명 - CXA3092N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com